Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 183 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 183 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 179Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 180Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 181Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 182Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 183Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 184Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 185Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 186Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 187Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-183
Figure 2.15-27 Solid Space
(7) Slant function
Slant function is used to slant characters for italics.
Slant specification unit: Character
Slant enable register (1 bit) ....... SLNT (Bit6 in ORDSN)
“0”
......... No slant
“1”
......... Slant
Note 1: SLANT function is enabled each characters, and therefore, in case of using
background function, this color of the background is enable as slant. Regarding
the extra dots of the left and/or right character by fringing function, it is not
enabled as slant.
Note 2: When a character is slanted in an area, which overlaps with the character field,
the overlap is also slanted.
Note 3: If slanting a character causes part of the character to get into the character field
to the immediate right of the character, then this part is not displayed.
Note 4: To provide closed caption display (CCD), specify black as the background color,
and set YBLCS to “1”. R, G, B and Y are all slanted. Thus, if the Y signal is
selected, a video signal is displayed above and to the left of the slant character.
Note 5: When a character is slanted, the dot data to the immediate left of the character is
also slanted.
Solid space
(Right)
32 columns
Solid space
(Left)
The same color as that of the dot on the left is displayed.
When an entire character field (including its
background) contains dots:
When the character field on the right
does not contain a dot:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com