Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 187 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 187 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 183Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 184Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 185Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 186Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 187Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 188Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 189Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 190Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 191Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-187
(Example 1) fOSC = 8 MHz
Frequency error when ORCLKC is 35H (at the 8 MHz setting).
When the low-order 3 bits are 000, the value of the 11-bit counter is 424 (1A8),
so the frequency is 7.97 MHz.
When the low-order 3 bits are 111, the value of the 11-bit counter is 431 (1AF),
so the frequency is 8.10 MHz.
1 dot in the errors above is 2 ns (max).
The effect of the 24th character in the display.
Display position error: 16 dots
× (24th character − 1) × 1 dot error = 16 × 23 × 2 =
736 ns.
This is approximately equivalent to 6 dot error for the character display.
(Example 2) fOSC = 16 MHz
Frequency error when ORCLKC is 6AH (at the 16 MHz setting).
When the low-order 3 bits are 000, the value of the 11-bit counter is 848 (350), so
the frequency is 15.94 MHz.
When the low-order 3 bits are 111, the value of the 11-bit counter is 855 (357), so
the frequency is 16.07 MHz.
1 dot in the errors above is 0.52 (max).
The effect of the 24th character in the display.
Display position error: 16 dots
× (24th character − 1) × 1 dot error = 16 × 23 ×
0.52
= 191.4 ns.
This is approximately equivalent to 3.1 dot error for the character display.
High period of HD signal
15.7 kHz (63.7
μs)
53.2
μs
fOSC
8
8
6 dots
23 characters display
8
8
3.1 dots
23 characters display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com