Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 182Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 183Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 184Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 185Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 186Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 187Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 188Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 189Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-186
2.15.5.8.1 Operating Principle
The clock generator for OSD display consists of a ring oscillator, an 11-bit counter,
a comparator and an oscillator controller. The frequency of the ring oscillator
depends on the cycle of the external HD input and the ORCLKC setting. The ring
oscillator generates clocks required for one scanning line and the 11-bit counter
counts the number of clocks. Then the counted number of the upper-order 8 bits is
compared with the value set by ORCLCK. The comparator sends the compared
result, which controls the ring oscillator and changes the oscillating frequency. At
the frequencies of 8 MHz, 16 MHz and 24 MHz set by ORCLKC, the error
percentages are 1.65%, 0.83% and 0.55% respectively. Thus, even when the same
value is rewritten to ORCLKC, the display position after refresh deviates by the
error percentage (Note 1).
The oscillator controller controls the operation of the ring oscillator using a result
from the comparator. To avoid display jitter created by fine adjustment, the oscillator
controller receives a coincidence signal and automatically stops adjusting the ring
oscillator. After the ring oscillator becomes stable, it drives a display clock at a
regular frequency. The output frequency fluctuates according to changes of
temperature and voltage (Note 2). The frequency of the ring oscillator can be
adjusted to the required frequency (Display position) by writing value to ORCLKC in
response to the change of condition.
When the oscillating frequency of the ring oscillator is adjusted under software
control, please writes value before adjustment to ORCLKC.The comparator
compares ORCLKF (the result from comparing the counted number of the
upper-order 8 bits of the 11-bit counter with the ORCLKC setting value.) with the
ORCLKC setting value.
Comparing ORCLKF with ORCLKC, the deviation of the oscillating frequency is
checked and please writes values before adjustment to ORCLKC.
In this case, the deviation of the display position occurs as described in Note 1.
Therefore, care must be taken to the interval of adjusting the frequency of the ring
oscillator.
Note 1: Since the clock generator for OSD display controls the frequency using the
upper-order 8 bits of the 11-bit counter, the low-order 3 bits do not participate in
determining the frequency. This yields an error equal to relative magnitude of the
low-order 3 bits at maximum. Even when the same value is set to a register, up to
8-count error occurs in one line. (Errors when using clock generator for OSD
display in NTSC (interlace) mode (HD
= 53.2 μs) are explained subsequently.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com