Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 191 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 191 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 187Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 188Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 189Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 190Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 191Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 192Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 193Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 194Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 195Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-191
Note 1: Condition 1
By calculating XNOR of data “a” and data “b1”, the setting value inside the OSD oscillator can be
calculated.
The setting value inside the OSD oscillator: (Data “c1”) = data “a” XNOR data “b1”
In the case so that data “c1” may become extremely large to data “a” ((“c1” − “a”) > 5), please move on
to the flow which writes in ORCLKC 5 times.
* In the case so that data “c1” may become extremely large, data “c1” is more than E0h (when the high
width of HD is 60 microseconds, OSD oscillation frequency becomes 30 MHz or more.).
Note 2: Condition 2
By calculating XNOR of data “a” and data “bi” (i = 1, 2), the setting value inside the OSD oscillator can
be calculated.
The setting value inside the OSD oscillator: (Data “ci”) = data “a” XNOR data “bi”
* From the difference of data “ci” and data “a”, it can judge whether it is in the error range. Please set
the error range to a maximum of
±5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com