Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 201 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 201 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 197Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 198Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 199Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 200Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 201Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 202Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 203Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 204Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 205Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-201
7
6
5
4
3
2
1
0
ORIRC
(00FB9H)
−
−
−
SDV
ISDC
(Initial value: ***0 0000)
SVD
Interrupt source select
0:
Interrupt request by ISDC value
1:
Interrupt request at falling edge of VD signal
ISDC
Interrupt generation line select
When the line display of the ISDC value ends (with the
falling edge of HD signal)
while SVD
= 0, interrupt request is generated.
0000: Request interrupt when display of low-order 4 bits
“0000” of DCTR ends.
0001: Low-order 4 bits “0001” of DCTR
0010: Low-order 4 bits “0010” of DCTR
0011: Low-order 4 bits “0011” of DCTR
0100: Low-order 4 bits “0100” of DCTR
0101: Low-order 4 bits “0101” of DCTR
0110: Low-order 4 bits “0110” of DCTR
0111: Low-order 4 bits “0111” of DCTR
1000: Low-order 4 bits “1000” of DCTR
1001: Low-order 4 bits “1001” of DCTR
1010: Low-order 4 bits “1010” of DCTR
1011: Low-order 4 bits “1011” of DCTR
1100: Low-order 4 bits “1100” of DCTR
1101: Low-order 4 bits “1101” of DCTR
1110: Low-order 4 bits “1110” of DCTR
1111: Low-order 4 bits “1111” of DCTR
Write
only
ORIRC
(00FB9H)
−
−
−
−
DCTR
(Initial value: **** 0000)
DCTR
Display line counter
0000: No line display or when the display of the 16th line
ends.
0001: 1st line display ends.
0010: 2nd line display ends.
0011: 3rd line display ends.
0100: 4th line display ends.
0101: 5th line display ends.
0110: 6th line display ends.
0111: 7th line display ends.
1000: 8th line display ends.
1001: 9th line display ends.
1010: 10th line display ends.
1011: 11th line display ends.
1100: 12th line display ends.
1101: 13th line display ends.
1110: 14th line display ends.
1111: 15th line display ends.
Read
only
Note 1:
The display line counter also increments when a line with all blank data or a line with display off is specified.
If display lines are overlapped each other, previous display line is enabled and next line is disabled. At this
time, the display line counter for canceled line does not increment.
Note 2:
*: Don’t care.
Note 3:
All OSD control registers cannot use the read-modify-write instructions. (Bit manipulation instructions such
as SET, CLR, etc. and logical operation such as AND, OR, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com