Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 203 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 203 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 199Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 200Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 201Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 202Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 203Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 204Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 205Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 206Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 207Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-203
Figure 2.15-31OSD Control Register List (2/2)
Register Bit Configuration
Register
Address
Register
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit Contents
00FBB
ORIV
VDPOL
HDPOL
YBLII
RGBII
YIV
BLIV
RGBIV
IIV
VDPOL: VD input polarity select
HDPOL: HD input polarity select
YBLII: Y/BLIN input polarity select
RGBII: RIN, GIN, BIN input select
YIV: Y output polarity select
BLIV: BL output polarity select
RGBIV: R, G, B output polarity select
IIV: I pin polarity select
00024
DMA7
DMA6
DMA5
DMA4
DMA3
DMA2
DMA1
DMA0
00025
ORDMA
−
−
−
−
−
−
−
DMA8
DMAx: Display memory address setting (x: 0 to 8)
0001D
ORDSN
−
SLNT
EUL
BLF
IDT
RDT
GDT
BDT
SLNT: Slant
EUL: Underline
BLF: Blinking
IDT/RDT/CDT/BDT: Character color
0001E
CRA7
CRA6
CRA5
CRA4
CRA3
CRA2
CRA1
CRA0
0001F
ORCRA
−
−
−
−
−
−
−
CRA8
CRAx: Character code (x: 0 to 8)
00FBC
WVSH7
WVSH6
WVSH5
WVSH4
WVSH3
WVSH2
WVSH1
WVSH0
00FBD
ORWVSH
−
−
−
−
−
−
−
WVSH8
WVSHx: Window upper limit position (x: 0 to 8)
00FBE
WVSL7
WVSL6
WVSL5
WVSL4
WVSL3
WVSL2
WVSL1
WVSL0
00FBF
ORWVSl
−
−
−
−
−
−
−
WVSL8
WVSL: Window lower limit position (x: 0 to 8)
00F80
ORDON
−
−
−
−
−
RGWR
EWDW
DON
RGWR: Writing data transfer control
EWDW: Window enable
DON: OSD display ON/OFF
Note 1:
Except the meshed registers are changed by RGWR.
Note 2:
Only lower 2 bits of the register in address 00F80H are changed by RGWR (the register in address 00F80H
must not be used with any of the read-modify-write instructions as SET, CLR, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com