| Electronic Components Datasheet Search |
|
TMP88CS38 Datasheet(PDF) 208 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP88CS38 Datasheet(HTML) 208 Page - Toshiba Semiconductor |
|
208 / 226 page ![]() TMP88CS38/CM38A/CP38A 2007-09-12 88CS38-208 2.17.2 Functions (1) Video signal input A low pass filter, a voltage amplifier and a condenser of about 0.1 μF are connected between the video signal and the video signal input pin of VIN1 and VIN0 pins, that is shown as Figure 2.17.3 the low pass filter functions to reduce noise and color burst from the video signal, passes the amplifier and inputs the video signal to both VIN1 and VIN0 pins. (2) Synchronous separator This circuit is to separate the synchronous signal from the video signal. When DACL7 to DACL0 of DACLCR are set for the synchronous separation, the sync slice level is capable of setting. DACL7 to DACL4 set the slice level at the rising edge of the sync signal clamped data, and DACL3 to DACL0 set the slice level at the falling edge of the sync-tip clamped data. (Refer to section 2.17.5) (3) Data separator The data separator replaces the caption data piled on the video signal with the digital signal. When SLVL5 to SLVL0 of SLVLCR are set to get the digital signal, the Initial value of the caption data slice level is capable of setting. (Refer to section 2.17.5) (4) Sync-tip clamp circuit The sync-tip level is clamped to the specified value. (5) Pedestal clamp circuit The video signal is set to the specified voltage with the clamp pulse generated from the H/V timing part, which is called as a pedestal clamp. (6) DA converter This converter gets the DA changed slice level of the clamp circuit to the comparator. (7) Comparator This comparator replaces the composite video signal with the digital value while inputting to the comparator. (8) H timing circuit This circuit detects the horizontal synchronous signal from C.Sync signal separated synchornously from the video signal, and generates the clamp pulse to clamp the video signal and provides it to the pedestal clamp circuit. In addition, the circuit detects the change of H frequency and provides the data to the sampling clock generation part. (9) V timing circuit This circuit detects the horizontal synchronous signal from C.Sync signal separated synchornously from the video signal, and provides line 21 detection signal to take out caption signal to the slice level control part. (10) Slice level control circuit This circuit detects CRI (Clock run in) signal from VIDEO signal with line 21 detection signal generated at H/V timing part after slicing, and controls to the most suitable slice level and takes out the caption data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |