Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 214 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 214 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 210Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 211Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 212Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 213Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 214Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 215Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 216Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 217Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 218Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-214
2.17.4
Clamp and Data Slicer Operation
The slicer uses the following steps to obtain the caption signals:
The composite video signal input via VIN1 (Pin 40) is clamped by the sync tip
clamp circuit and the HD and VD sync signals separated by the sync separation
circuit.
Field decision and caption line detection are effected using the HD and VD sync
signals
The CRI signal of the caption line interval is detected from the pedestal clamped
video signal at VIN0 (Pin 41).
The slice level is controlled during the CRI signal interval, detected by the slice
level control block, to obtain the optimum level.
To determine the timing for extracting the caption data, a sampling clock is
generated that is phase locked to the CRI.
The caption data is extracted at the selected slice level using sampling clock,
which is locked to the caption data.
The data slicer has two separation circuits:
a. Sync signal (sync tip clamp
+ sync signal slice) separation.
b. Caption data (pedestal clamp
+ data slice) separation.
The two circuits are described briefly below.
Sync signal separation
Slice level setting and
generation of sampling clock
Caption line detection
CRI detection
Caption signal extraction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com