Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 218 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 218 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 214Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 215Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 216Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 217Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 218Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 219Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 220Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 221Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 222Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-218
(2) Input/Output ports
Port
I/O
Input/Output Circuitry
Remarks
P20
I/O
Sink open-drain output
Hysteresis input
R
= 1 kΩ (typ.)
P30
to
P33
P50,
P57
P70,
P71
I/O
Tri-state I/O
Hysteresis input
R
= 1 kΩ (typ.)
P34,
P35,
P51,
P52
I/O
Tri-state I/O or open-drain
output programmable
Hysteresis input
R
= 1 kΩ (typ.)
P40
to
P47
I/O
Tri-state I/O
R
= 1 kΩ (typ.)
P53
to
P56
I/O
Tri-state I/O
Hysteresis input
Key-on wakeup input
(VIL4 = 0.65 × VDD)
R
= 1 kΩ (typ.)
RA = 5 kΩ (typ.)
CA = 22 pF (typ.)
Initial “High-Z”
R
VDD
Disable
Initial “High-Z”
R
VDD
Disable
Open-drain
output enable
Initial “High-Z”
R
VDD
Disable
Initial “High-Z”
VDD
R
Initial “High-Z”
R
VDD
Disable
RA
CA
Key-on
wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com