Electronic Components Datasheet Search
  English  ▼

X  

RE46C191 Datasheet(PDF) 3 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 3 Page - Microchip Technology

  RE46C191 Datasheet HTML 1Page - Microchip Technology RE46C191 Datasheet HTML 2Page - Microchip Technology RE46C191 Datasheet HTML 3Page - Microchip Technology RE46C191 Datasheet HTML 4Page - Microchip Technology RE46C191 Datasheet HTML 5Page - Microchip Technology RE46C191 Datasheet HTML 6Page - Microchip Technology RE46C191 Datasheet HTML 7Page - Microchip Technology RE46C191 Datasheet HTML 8Page - Microchip Technology RE46C191 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005225H-page 3
RE46C191
Typical Battery Applications
Note 1:
C2 is located as close as possible to the device power pins. C1 is located closest to VSS.
2: R3, R4 and C5 are typical values, and can be adjusted to maximize sound pressure.
3: DC-DC converter in High Boost mode (nominal VBST = 9.6V) can draw current pulses of greater than 1A
and is very sensitive to series resistance. Critical components of this resistance are the inductor DC
resistance, the internal resistance of the battery and the resistance in the connections from the inductor
to the battery, from the inductor to the LX pin and from the VSS pin to the battery. To function properly
under full load at VDD = 2V, the total of the inductor and interconnect resistances must not exceed 0.3.
The internal battery resistance must not be more than 0.5
 and a low ESR capacitor of 10 µF or more
must be connected in parallel with the battery to average the current draw over the boost
converter cycle.
4: Schottky diode D1 must have a maximum peak current rating of at least 1.5A. For best results, it must
have a forward voltage specification of less than 0.5V at 1A and low reverse leakage.
5: Inductor L1 must have a maximum peak current rating of at least 1.5A.
16
15
14
13
12
11
10
9
8
7
6
5
3
2
1 VSS
IRED
VDD
TEST
TEST2
IRP
IRN
RLED
FEED
GLED
IRCAP
IO
HB
HS
VBST
LX
RE46C191
D2
D3
4
9
D1
4.7 µF
C4
200K
R3
1.5M
R4
1nF
C5
L1
10 µH
330
R5
33 µF
C6
To other Units
1µF
C2
100
R1
10 µF
C1
VDD
Push-to-Test/
Hush
VBST
330
R6
100
R7
D4
RED
D5
GREEN
C3
Smoke
Chamber
Battery
3V
TP1
TP2
VBST
100 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com