Electronic Components Datasheet Search
  English  ▼

X  

RE46C191 Datasheet(PDF) 6 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 6 Page - Microchip Technology

Back Button RE46C191 Datasheet HTML 2Page - Microchip Technology RE46C191 Datasheet HTML 3Page - Microchip Technology RE46C191 Datasheet HTML 4Page - Microchip Technology RE46C191 Datasheet HTML 5Page - Microchip Technology RE46C191 Datasheet HTML 6Page - Microchip Technology RE46C191 Datasheet HTML 7Page - Microchip Technology RE46C191 Datasheet HTML 8Page - Microchip Technology RE46C191 Datasheet HTML 9Page - Microchip Technology RE46C191 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
RE46C191
DS20005225H-page 6
 2013-2023 Microchip Technology Inc. and its subsidiaries
Low Battery Alarm
Voltage
VLB1
VDD
2.05
2.1
2.15
V
Falling edge,
2.1V nominal selected
VLB2
VDD
2.15
2.2
2.25
V
Falling edge,
2.2V nominal selected
VLB3
VDD
2.25
2.3
2.35
V
Falling edge,
2.3V nominal selected
VLB4
VDD
2.35
2.4
2.45
V
Falling edge,
2.4V nominal selected
VLB5
VDD
2.45
2.5
2.55
V
Falling edge,
2.5V nominal selected
VLB6
VDD
2.55
2.6
2.65
V
Falling edge,
2.6V nominal selected
VLB7
VDD
2.65
2.7
2.75
V
Falling edge,
2.7V nominal selected
VLB8
VDD
2.75
2.8
2.85
V
Falling edge,
2.8V nominal selected
Low Battery
Hysteresis
VLBHYST
VDD
—
100
—
mV
IRCAP Turn-On
Voltage
VTIR1
IRCAP
3.6
4.0
4.4
V
Falling edge, VBST = 5V,
IOUT = 20 mA
IRCAP Turn-Off
Voltage
VTIR2
IRCAP
4.0
4.4
4.8
V
Rising edge, VBST = 5V,
IOUT = 20 mA
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
DC Electrical Characteristics: Unless otherwise indicated, all parameters apply at TA = -10°C to +60°C, VDD = 3V, 
VBST = 4.2V, Typical Application (unless otherwise noted)(1,2,3)
Parameter
Symbol
Test
Pin
Min.
Typ.
Max.
Units
Conditions
Note 1: Wherever a specific VBST value is listed under test conditions, the VBST is forced externally with the 
inductor disconnected and the DC-DC converter NOT running.
2: Typical values are for design information only.
3: Limits over the specified temperature range are not production tested and are based on characterization
data. Unless otherwise stated, production test is at room temperature with guardbanded limits.
4: Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com