Electronic Components Datasheet Search
  English  ▼

X  

RE46C191 Datasheet(PDF) 33 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 33 Page - Microchip Technology

Back Button RE46C191 Datasheet HTML 29Page - Microchip Technology RE46C191 Datasheet HTML 30Page - Microchip Technology RE46C191 Datasheet HTML 31Page - Microchip Technology RE46C191 Datasheet HTML 32Page - Microchip Technology RE46C191 Datasheet HTML 33Page - Microchip Technology RE46C191 Datasheet HTML 34Page - Microchip Technology RE46C191 Datasheet HTML 35Page - Microchip Technology RE46C191 Datasheet HTML 36Page - Microchip Technology RE46C191 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005225H-page 33
RE46C191
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Sheet 2 of 2
C
SEATING
PLANE
H
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Molded Package Width
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
1.27 BSC
-
0.40
0.31
-
1.25
-
-
-
-
MILLIMETERS
MIN
NOM
16
1.27
0.51
1.75
-
MAX
L1
1.04 REF
Footprint
Overall Length
D
9.90 BSC
Terminal Thickness
c
0.10
-
0.25
R1
R2
1
-
0.07
-
Lead Bend Radius
-
0.07
-
Lead Bend Radius
-
0°
8°
Foot Angle
-
0°
15°
Mold Draft Angle
2
-
Lead Angle
0.10
0.25
6.00 BSC
3.90 BSC
-
0°
16-Lead Plastic Small Outline (SL) - Narrow, 3.90 mm Body [SOIC]
Microchip Technology Drawing C04-108-SL Rev D
Corner Chamfer
h
0.25
-
0.50
DETAIL B
or protrusion, which shall not exceed 0.25 mm per side.
3.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
4.
Notes:
Dimension D does not include mold flash, protrusions or gate burrs, which shall
Pin 1 visual index feature may vary, but must be located within the hatched area.
§ Significant Characteristic
Dimensioning and tolerancing per ASME Y14.5M
not exceed 0.15 mm per end. Dimension E1 does not include interlead flash
5. Datums A & B to be determined at Datum H.
R2
R1
2
1
1
c
L
(L1)
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com