Electronic Components Datasheet Search
  English  ▼

X  

RE46C191 Datasheet(PDF) 4 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 4 Page - Microchip Technology

  RE46C191 Datasheet HTML 1Page - Microchip Technology RE46C191 Datasheet HTML 2Page - Microchip Technology RE46C191 Datasheet HTML 3Page - Microchip Technology RE46C191 Datasheet HTML 4Page - Microchip Technology RE46C191 Datasheet HTML 5Page - Microchip Technology RE46C191 Datasheet HTML 6Page - Microchip Technology RE46C191 Datasheet HTML 7Page - Microchip Technology RE46C191 Datasheet HTML 8Page - Microchip Technology RE46C191 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
RE46C191
DS20005225H-page 4
 2013-2023 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings†
Supply Voltage ................................................................................................................................................... VDD = 5.5V; VBST = 13V
Input Voltage Range Except FEED and TEST................................................................................................ VIN = -0.3V to VDD + 0.3V
FEED Input Voltage Range ................................................................................................................................... VINFD = -10V to +22V
TEST Input Voltage Range...................................................................................................................... VINTEST = -0.3V to VBST + 0.3V
LX Voltage................................................................................................................................................................. VLX = -0.3V to 13V
Maximum IRCAP Voltage.................................................................................................................................................. VIRCAP = 5.5V
Input Current Except FEED.................................................................................................................................................... IIN = 10 mA
Continuous Operating Current (HS, HB and VBST) ................................................................................................................IO = 40 mA
Continuous Operating Current (IRED) ...............................................................................................................................IOIR = 300 mA
Storage Temperature .........................................................................................................................................TSTG = -55°C to +125°C
ESD Human Body Model ..................................................................................................................................................... VHBM = 2 kV
ESD Machine Model .............................................................................................................................................................VMM = 175V
1.2
Electrical Specifications
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
DC Electrical Characteristics: Unless otherwise indicated, all parameters apply at TA = -10°C to +60°C, VDD = 3V, 
VBST = 4.2V, Typical Application (unless otherwise noted)(1,2,3)
Parameter
Symbol
Test
Pin
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
VDD
2.0
—
5.0
V
Operating
Supply Current
IDD1
VDD
—
1
2
µA
Standby, inputs low, no loads,
boost off, no smoke check
Standby Boost
Current
IBST1
VBST
—
100
—
nA
Standby, inputs low, no loads,
boost off, no smoke check
IRCAP Supply
Current
IIRCAP
IRCAP
—
500
—
µA
During smoke check
Boost Voltage
VBST1
VBST
3.0
3.6
4.2
V
IRCAP charging for smoke
check, GLED operation,
IOUT = 40 mA
VBST2
VBST
8.5
9.6
10.7
V
No local alarm,
RLED operation,
IOUT = 40 mA, IO as an input
Note 1: Wherever a specific VBST value is listed under test conditions, the VBST is forced externally with the 
inductor disconnected and the DC-DC converter NOT running.
2: Typical values are for design information only.
3: Limits over the specified temperature range are not production tested and are based on characterization
data. Unless otherwise stated, production test is at room temperature with guardbanded limits.
4: Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com