Electronic Components Datasheet Search
  English  ▼

X  

RE46C191 Datasheet(PDF) 17 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 17 Page - Microchip Technology

Back Button RE46C191 Datasheet HTML 13Page - Microchip Technology RE46C191 Datasheet HTML 14Page - Microchip Technology RE46C191 Datasheet HTML 15Page - Microchip Technology RE46C191 Datasheet HTML 16Page - Microchip Technology RE46C191 Datasheet HTML 17Page - Microchip Technology RE46C191 Datasheet HTML 18Page - Microchip Technology RE46C191 Datasheet HTML 19Page - Microchip Technology RE46C191 Datasheet HTML 20Page - Microchip Technology RE46C191 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005225H-page 17
RE46C191
REGISTER 4-1:
CONFIGURATION SETTINGS AND CALIBRATION SETTINGS
W
W
W
W
TS
EOL
LBH
HUSH
bit 43
bit 40
W
W
W
W
W
W
W
W
LTD
LB2
LB1
LB0
IRC1
IRC0
IT1
IT0
bit 39
bit 32
W
W
W
W
W
W
W
W
PAGF1
PAGF0
NL5
NL4
NL3
NL2
NL1
NL0
bit 31
bit 24
W
W
W
W
W
W
W
W
HYL5
HYL4
HYL3
HYL2
HYL1
HYL0
HUL5
HUL4
bit 23
bit 16
W
W
W
W
W
W
W
W
HUL3
HUL2
HUL1
HUL0
CTL5
CTL4
CTL3
CTL2
bit 15
bit 8
W
W
W
W
W
W
W
W
CTL1
CTL0
LTD5
LTD4
LTD3
LTD2
LTD1
LTD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 43
TS: Tone Select
1 = Temporal horn pattern
0 = Continuous horn pattern
bit 42
EOL: End-of-Life Enable
1 = Enable
0 = Disable
bit 41
LBH: Low Battery Hush Enable
1 = Enable
0 = Disable
bit 40
HUSH: Hush Option
1 = Canceled for high smoke level, interconnect alarm or second push of TEST button (as described above)
0 = Never cancel
bit 39
LTD: Long-Term Drift Enable
1 = Enable
0 = Disable
bit 38-36
LB[2:0]: Low Battery Trip Point
000 = 2.1V
001 = 2.2V
010 = 2.3V
011 = 2.4V
100 = 2.5V
101 = 2.6V
110 = 2.7V
111 = 2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com