Electronic Components Datasheet Search
  English  ▼

X  

RE46C191 Datasheet(PDF) 11 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 11 Page - Microchip Technology

Back Button RE46C191 Datasheet HTML 7Page - Microchip Technology RE46C191 Datasheet HTML 8Page - Microchip Technology RE46C191 Datasheet HTML 9Page - Microchip Technology RE46C191 Datasheet HTML 10Page - Microchip Technology RE46C191 Datasheet HTML 11Page - Microchip Technology RE46C191 Datasheet HTML 12Page - Microchip Technology RE46C191 Datasheet HTML 13Page - Microchip Technology RE46C191 Datasheet HTML 14Page - Microchip Technology RE46C191 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005225H-page 11
RE46C191
3.0
DETAILED DESCRIPTION
3.1
Standby Internal Timing
The internal oscillator is trimmed to ±6% tolerance. Once
every ten seconds, the boost converter is powered up,
the IRCAP is charged from VBST and the detection
circuitry is active for 3 ms. Prior to completion of the
3 ms period, the IRED pulse is active for a
user-programmable duration of 100-400 µs. During this
IRED pulse, the photo diode current is integrated and
then digitized. The result is compared to a limit value
stored in EEPROM during calibration to determine the
photo chamber status. If a Smoke condition is present,
the period to the next detection decreases and
additional checks are made.
3.2
Smoke Detection Circuitry
The digitized photo amplifier integrator output is
compared to the stored limit value at the conclusion of
the IRED pulse period. The IRED drive is all internal,
and
both
the
period
and
current
are
user
programmable. Three consecutive smoke detections
cause the device to go into Alarm mode, and activate
the horn and interconnect circuits. In Alarm mode, the
horn is driven at the high boost voltage level, which is
regulated based on an internal voltage reference, and
results in consistent audibility over battery life. RLED
turns on for 10 ms at a 2 Hz rate. In Local Alarm mode,
the integration limit is internally decreased to provide
alarm hysteresis. The integrator has three separate
gain settings:
• Normal and Hysteresis
• Reduced Sensitivity (Hush)
• High Gain for Chamber Test and PTT
There are four separate sets of alarm limits, which are
all user programmable:
• Normal Detection
• Hysteresis
•Hush
• Chamber Test and PTT Modes
In addition, there are user-selectable integrator gain
settings to optimize detection levels (see Table 4-1).
3.3
Supervisory Tests
Once every 86 seconds, the status of the battery
voltage is checked by enabling the boost converter for
10 ms and comparing a fraction of the VDD voltage to
an internal reference. In each period of 344 seconds,
the battery voltage is checked four times. Three checks
are unloaded and one check is performed with the
RLED enabled, which provides a battery load. The
High Boost mode is active only for the loaded low
battery test. If the low battery test fails, the horn pulses
on for 10 ms every 43 seconds and continues to pulse
until the failing condition passes.
As an option, a Low Battery Silence mode can be
invoked. If a Low Battery condition exists and the TEST
input is driven high, the RLED turns on. If the TEST
input is held for more than 0.5 seconds, the unit enters
the
PTT
operation
described
in
Section 3.4
“Push-to-Test Operation (PTT)”. After the TEST
input is driven low, the unit enters the Low Battery Hush
mode and the 10 ms horn pulse is silenced for eight
hours. The activation of the test button also initiates the
nine-minute Reduced Sensitivity mode described in
Section 3.6 “Reduced Sensitivity Mode”. After eight
hours, the audible indication resumes if the Low Battery
condition still exists.
Once every 43 seconds, the chamber test is activated
and the High Gain mode with chamber test limits is
internally selected. The chamber is checked by
amplifying background reflections. The Low Boost
mode is used for the chamber test.
If two consecutive chamber tests fail, the horn pulses
on for 10 ms three times, with the pulses separated by
330 ms every 43 seconds. The horn continues to pulse
until the failing condition passes.
Each of the two supervisory test audible indicators is
separated by approximately 20 seconds.
3.4
Push-to-Test Operation (PTT)
When the TEST input pin is activated (VIH), the smoke
detection rate increases to once every 250 ms after
one internal clock cycle. In PTT, the photo amplifier
High Gain mode is selected and background reflections
are used to simulate a Smoke condition. After the
required three consecutive detections, the device goes
into a Local Alarm condition. When the TEST input is
driven low (VIL), the photo amplifier normal gain is
selected after one clock cycle. The detection rate
continues at once every 250 ms until three consecutive
No Smoke conditions are detected. At this point, the
device returns to standby timing. In addition, after the
TEST input goes low, the device enters the Hush mode
(see Section 3.6 “Reduced Sensitivity Mode”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com