Electronic Components Datasheet Search
  English  ▼

X  

RE46C191 Datasheet(PDF) 9 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 9 Page - Microchip Technology

Back Button RE46C191 Datasheet HTML 5Page - Microchip Technology RE46C191 Datasheet HTML 6Page - Microchip Technology RE46C191 Datasheet HTML 7Page - Microchip Technology RE46C191 Datasheet HTML 8Page - Microchip Technology RE46C191 Datasheet HTML 9Page - Microchip Technology RE46C191 Datasheet HTML 10Page - Microchip Technology RE46C191 Datasheet HTML 11Page - Microchip Technology RE46C191 Datasheet HTML 12Page - Microchip Technology RE46C191 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005225H-page 9
RE46C191
Push-to-Test (PTT)
Alarm Memory On
Time
THON4
HB
9.8
10.4
11.0
ms
Alarm memory active,
PTT
PTT Alarm Memory
Horn Period
THPER4
HB
235
250
265
ms
Alarm memory active,
PTT
Interconnect Signal Operation (IO)
IO Active Delay
TIODLY1
IO
—
0
—
s
From start of local alarm
to IO active
Remote Alarm Delay
with Temporal Horn
Pattern
TIODLY2A
IO
0.780
1.00
1.25
s
No local alarm,
from IO active to alarm
Remote Alarm Delay
with Continuous Horn
Pattern
TIODLY2B
IO
380
572
785
ms
No local alarm,
from IO active to alarm
IO Charge
Dump Duration
TIODMP
IO
1.23
1.31
1.39
s
At conclusion of local
alarm or test
IO Filter
TIOFILT
IO
—
—
313
ms
Standby, no alarm
Hush Timer Operation
Hush Timer Period
TTPER
—
8.0
8.6
9.1
Min
No alarm
Low Battery
Hush Timer Period
TTPERLB
—
7.73
8.22
8.71
Hours
No alarm
EOL
End-of-Life
Age Sample
TEOL
—
314
334
354
Hours
EOL enabled, standby
Detection
IRED On Time
TIRON
IRED
—
100
—
µs
Prog Bits 32,33 = 1,1
IRED
—
200
—
µs
Prog Bits 32,33 = 0,1
IRED
—
300
—
µs
Prog Bits 32,33 = 1,0
IRED
—
400
—
µs
Prog Bits 32,33 = 0,0
TEMPERATURE SPECIFICATIONS
Electrical Specifications: All limits specified for VDD = 3V, VBST = 4.2V and VSS = 0V, except where noted in the
Electrical Characteristics.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-10
—
+60
°C
Storage Temperature Range
TSTG
-55
—
+125
°C
Thermal Package Resistances
Thermal Resistance, 16-Lead SOIC (150 mil.)
θJA
—
86.1
—
°C/W
AC ELECTRICAL CHARACTERISTICS (CONTINUED)
AC Electrical Characteristics: Unless otherwise indicated, all parameters apply at TA = -10° to +60°C, VDD = 3V, 
VBST = 4.2V, Typical Application (unless otherwise noted) (Notes 1 through 4).
Parameter
Symbol Test Pin
Min.
Typ.
Max.
Units
Conditions
Note 1: See timing diagram for Horn Pattern (Figure 5-2).
2: TPCLK and TIRON are 100% production tested. All other AC parameters are verified by functional testing.
3: Typical values are for design information only.
4: Limits over the specified temperature range are not production tested and are based on characterization
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com