Electronic Components Datasheet Search
  English  ▼

X  

RE46C191 Datasheet(PDF) 14 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 14 Page - Microchip Technology

Back Button RE46C191 Datasheet HTML 10Page - Microchip Technology RE46C191 Datasheet HTML 11Page - Microchip Technology RE46C191 Datasheet HTML 12Page - Microchip Technology RE46C191 Datasheet HTML 13Page - Microchip Technology RE46C191 Datasheet HTML 14Page - Microchip Technology RE46C191 Datasheet HTML 15Page - Microchip Technology RE46C191 Datasheet HTML 16Page - Microchip Technology RE46C191 Datasheet HTML 17Page - Microchip Technology RE46C191 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
RE46C191
DS20005225H-page 14
 2013-2023 Microchip Technology Inc. and its subsidiaries
Features programming allows a number of device
performance options to be selected or enabled. These
features are listed in Table 4-2. In addition to
programming the RE46C191, the User Programming
modes provide the means to calibrate and test the
RE46C191 in its various operating modes.
TABLE 4-2:
FEATURES PROGRAMMING
Features
Options
Tone Select
Continuous or NFPA Tone
Ten-Year End-of-Life Indicator
Enable/Disable
Photo Chamber LTD Adjustment
Enable/Disable
Low Battery Hush
Enable/Disable
Hush Options
Option 1: Hush mode is not canceled for any reason. If the test button is
pushed during Hush, the unit reverts to normal sensitivity to test the
unit, but when it comes out of test, it resumes in Hush where it left off.
Option 2: The Hush mode is canceled if the reduced sensitivity
threshold is exceeded (high smoke level) and if an external
interconnect alarm is signaled. If the test button is pushed during Hush
after the test is executed, Hush mode is terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com