Electronic Components Datasheet Search
  English  ▼

X  

RE46C191 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C191 Datasheet HTML 1Page - Microchip Technology RE46C191 Datasheet HTML 2Page - Microchip Technology RE46C191 Datasheet HTML 3Page - Microchip Technology RE46C191 Datasheet HTML 4Page - Microchip Technology RE46C191 Datasheet HTML 5Page - Microchip Technology RE46C191 Datasheet HTML 6Page - Microchip Technology RE46C191 Datasheet HTML 7Page - Microchip Technology RE46C191 Datasheet HTML 8Page - Microchip Technology RE46C191 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005225H-page 1
RE46C191
Features
• Two AA Battery Operation
• Low Quiescent Current Consumption
• Local Alarm Memory
• Interconnect Up to 40 Detectors
• Nine-Minute Timer for Sensitivity Control
• Temporal or Continuous Horn Pattern
• Internal Low Battery and Chamber Test
• All Internal Oscillator
• Internal Infrared Emitter Diode (IRED) Driver
• Adjustable IRED Drive Current
• Adjustable Hush Sensitivity
• Two Percent Low Battery Set Point
• Pin-for-Pin Compatible with RE46C190
General Description
The RE46C191 is a low-power, low-voltage CMOS
photoelectric-type smoke detector IC. With minimal
external components, this circuit provides all the
required features for a photoelectric-type smoke
detector.
The design incorporates a gain-selectable photo
amplifier for use with an infrared emitter/detector pair.
To keep the standby current to a minimum, an internal
oscillator strobes power to the smoke detection
circuitry every 10 seconds. If smoke is sensed, the
detection rate is increased to verify an Alarm condition.
A High-Gain mode is available for push button chamber
testing.
A check for a Low Battery condition is performed every
86 seconds and the chamber integrity is tested once
every 43 seconds when in Standby mode. The temporal
horn pattern supports the NFPA 72 emergency
evacuation signal.
An interconnect pin allows multiple detectors to be
connected, such that when one unit alarms, all units
sound.
An internal nine-minute timer can be used for a
Reduced Sensitivity mode.
Package Types
RE46C191
SOIC
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IRED
VDD
TEST
TEST2
IRP
IRN
RLED
LX
VBST
HS
HB
IO
IRCAP
FEED
GLED
RE46C191
SSOP
VSS
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
IRED
VDD
TEST
NC
TEST2
NC
IRP
LX
VBST
HS
HB
IO
IRCAP
FEED
GLED
9
10
12
11
NC
IRN
RLED
NC
Note:
See Table 2-1 for pin descriptions.
CMOS Low-Voltage Photoelectric Smoke Detector ASIC
with Interconnect and Timer Mode


Similar Part No. - RE46C191

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect
2010
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
08/04/10
RE46C190S16F MICROCHIP-RE46C190S16F Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
08/04/10
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
RE46C195S16 MICROCHIP-RE46C195S16 Datasheet
2Mb / 39P
CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
More results

Similar Description - RE46C191

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect
2010
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C190S16F MICROCHIP-RE46C190S16F Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
08/04/10
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com