Electronic Components Datasheet Search
  English  ▼

X  

BME690 Datasheet(PDF) 7 Page - Bosch Sensortec GmbH

Part # BME690
Description  Digital low power temperature, humidity, pressure and gas sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME690 Datasheet(HTML) 7 Page - Bosch Sensortec GmbH

Back Button BME690 Datasheet HTML 3Page - Bosch Sensortec GmbH BME690 Datasheet HTML 4Page - Bosch Sensortec GmbH BME690 Datasheet HTML 5Page - Bosch Sensortec GmbH BME690 Datasheet HTML 6Page - Bosch Sensortec GmbH BME690 Datasheet HTML 7Page - Bosch Sensortec GmbH BME690 Datasheet HTML 8Page - Bosch Sensortec GmbH BME690 Datasheet HTML 9Page - Bosch Sensortec GmbH BME690 Datasheet HTML 10Page - Bosch Sensortec GmbH BME690 Datasheet HTML 11Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Bosch Sensortec | BME690 - Datasheet
7 | 60
© Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BME690-DS001-04
as well as in the event of applications for industrial property rights
1. Specification
If not stated otherwise,
 all values are valid over the full voltage range,
 all minimum/maximum values are given for the full accuracy temperature range,
 minimum/maximum values of drifts, offsets and temperature coefficients are ±3
 values over lifetime,
 typical values of currents and state machine timings are determined at 25 °C,
 minimum/maximum values of currents are determined using corner lots over complete temperature range, and
 minimum/maximum values of state-machine timings are determined using corner lots over 0‒+65 °C temperature
range.
Besides the general electrical specifications, the following tables are separated for the gas, pressure, humidity and
temperature functions of the BME690.
1.1 General Electrical Specification
Table 1: Electrical parameter specification
OPERATING CONDITIONS BME690
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage
Internal Domains1
VDD
ripple max. 50 mVpp
1.71
1.8
3.6
V
Supply Voltage
I/O Domain
VDDIO
1.2
1.8
3.6
V
Sleep current
IDDSL
VDD = VDDIO = 1.8 V at 25
°C
0.11
0.14
µA
Standby current
(inactive period of
normal mode)
IDDSB
VDD = VDDIO = 1.8 V at 25
°C
0.22
0.31
µA
Current during
humidity
measurement
IDDH
VDD = VDDIO = 1.8 V at 25
°C
340
450
µA
Current during
pressure
measurement
IDDP
VDD = VDDIO = 1.8 V at 25
°C
735
750
µA
Current during
temperature
measurement
IDDT
VDD = VDDIO = 1.8 V at 25
°C
425
450
µA
Start-up time
tstartup
Time to first communication
after both VDD > 1.58 V and
VDDIO > 0.65 V
2
ms
Power supply
rejection ratio (DC)
PSRR
full VDD range
±0.01
±5
%r.H./V
Pa/V
Standby time
accuracy
Δtstandby
±5
±25
%
1 The power efficiency, performance and heat dissipation scales with the applied supply voltage. The BME690 is optimized for 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com