Electronic Components Datasheet Search
  English  ▼

X  

BME690 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BME690
Description  Digital low power temperature, humidity, pressure and gas sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME690 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BME690 Datasheet HTML 25Page - Bosch Sensortec GmbH BME690 Datasheet HTML 26Page - Bosch Sensortec GmbH BME690 Datasheet HTML 27Page - Bosch Sensortec GmbH BME690 Datasheet HTML 28Page - Bosch Sensortec GmbH BME690 Datasheet HTML 29Page - Bosch Sensortec GmbH BME690 Datasheet HTML 30Page - Bosch Sensortec GmbH BME690 Datasheet HTML 31Page - Bosch Sensortec GmbH BME690 Datasheet HTML 32Page - Bosch Sensortec GmbH BME690 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Bosch Sensortec | BME690 - Datasheet
29 | 60
© Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BME690-DS001-04
as well as in the event of applications for industrial property rights
Table 16: Variable names and register addresses for res_heat_x calculation
Variable name
Register address (LSB / MSB)
par_g1
0xED
par_g2
0xEB/0xEC
par_g3
0xEE
res_heat_range
0x02 <5:4>
res_heat_val
0x00
For each of the 10 temperature steps, the heating duration must be specified. Referring to Figure 2, the heating phase starts
after the temperature, pressure and humidity measurements are complete. This means there is no heating in parallel to these
measurements, which is desirable to minimize undesired cross-influences between the various sensor components.
The heating duration is specified by writing to the corresponding gas_wait_x<7:0> control register. Heating durations
between 1 ms and 4032 ms can be configured. In practice, approximately 20–30 ms are necessary for the heater to reach
the intended target temperature.
3.7 Data readout
The procedure goes as follows, the new_data bit (see Section 5.3.6.1) can be checked to see if a new data is generated. If
gas measurements are performed the gas_valid_r (see Section 5.3.6.5) and heat_stab_r (see Section 5.3.6.6) status bits of
the respectively field should be checked to ensure that the gas measurement was successful. If heat_stab_r is zero, it
indicates that either the heating time was not enough to allow the sensor to reach to configured target temperature or that
the target temperature was too high for the sensor to reach.
After the uncompensated values of temperature, pressure and humidity have been read, the actual humidity, pressure and
temperature need to be calculated using the compensation parameters stored in the device.
Gas resistance readout
Readout of gas resistance ADC value and calculation of gas resistance consists of 2 steps
1. Read gas ADC value (gas_adc) and gas ADC range (gas_range) (see Section 5.3.5)
2. Convert ADC value into gas resistance in ohm
Using the variables listed in Table 17, the conversion is done as follows:
Floating point:
uint32_t var1 = UINT32_C(262144) >> gas_range;
int32_t var2 = (int32_t) gas_adc - INT32_C(512);
var2 *= INT32_C(3);
var2 = INT32_C(4096) + var2;
gas_res = 1000000.0f * (float)var1 / (float)var2;
Integer:
uint32_t var1 = UINT32_C(262144) >> gas_range;
int32_t var2 = (int32_t) gas_adc - INT32_C(512);
var2 *= INT32_C(3);
var2 = INT32_C(4096) + var2;
/* multiplying 10000 then dividing then multiplying by 100 instead of multiplying by 1000000 to prevent overflow */
calc_gas_res = (UINT32_C(10000) * var1) / (uint32_t)var2;
gas_res = calc_gas_res * 100;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com