Electronic Components Datasheet Search
  English  ▼

X  

BME690 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BME690
Description  Digital low power temperature, humidity, pressure and gas sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME690 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BME690 Datasheet HTML 17Page - Bosch Sensortec GmbH BME690 Datasheet HTML 18Page - Bosch Sensortec GmbH BME690 Datasheet HTML 19Page - Bosch Sensortec GmbH BME690 Datasheet HTML 20Page - Bosch Sensortec GmbH BME690 Datasheet HTML 21Page - Bosch Sensortec GmbH BME690 Datasheet HTML 22Page - Bosch Sensortec GmbH BME690 Datasheet HTML 23Page - Bosch Sensortec GmbH BME690 Datasheet HTML 24Page - Bosch Sensortec GmbH BME690 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Bosch Sensortec | BME690 - Datasheet
21 | 60
© Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BME690-DS001-04
as well as in the event of applications for industrial property rights
Figure 4: Sensor configuration flow in Parallel Mode
Parallel Mode
Select oversampling for T, P and H
• Set osrs_x<2:0>
Select IIR filter for temperature sensor
• Set filter<2:0>
Enable gas conversion
• Set run_gas to 1
Select number of steps in heater profile
• Set nb_conv <3:0> (from 1 to 10)
Set heater-on time of each step
• Calculate required wait time before each TPHG
measurement and set gas_wait_shared<7:0>
• Calculate number of TPHG repitions needed and set
gas_wait_x<7:0> (up to 255)
Set heater temperature of each step
• Convert heater temperature to register code
• Set res_heat_x<7:0>
Set mode to parallel mode
• Set mode<1:0> to 0b10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com