Electronic Components Datasheet Search
  English  ▼

X  

BME690 Datasheet(PDF) 49 Page - Bosch Sensortec GmbH

Part # BME690
Description  Digital low power temperature, humidity, pressure and gas sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME690 Datasheet(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BME690 Datasheet HTML 45Page - Bosch Sensortec GmbH BME690 Datasheet HTML 46Page - Bosch Sensortec GmbH BME690 Datasheet HTML 47Page - Bosch Sensortec GmbH BME690 Datasheet HTML 48Page - Bosch Sensortec GmbH BME690 Datasheet HTML 49Page - Bosch Sensortec GmbH BME690 Datasheet HTML 50Page - Bosch Sensortec GmbH BME690 Datasheet HTML 51Page - Bosch Sensortec GmbH BME690 Datasheet HTML 52Page - Bosch Sensortec GmbH BME690 Datasheet HTML 53Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Bosch Sensortec | BME690 - Datasheet
49 | 60
© Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BME690-DS001-04
as well as in the event of applications for industrial property rights
SPI read
Reading is done by lowering CSB and first sending one control byte. The control bytes consist of the SPI register
address (= full register address without bit 7) and the read command (bit 7 = RW = ‘1’). After writing the control
byte, data is sent out of the SDO pin (SDI in 3-wire mode); the register address is automatically incremented. The
SPI read protocol is depicted in Picture 11.
Start RW
Stop
1
1
1
1
0
1
1
0
bit15 bit14
bit13
bit12 bit11 bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
CSB
=
1
Data byte
Data register - address F7h
Register address (F6h)
CSB
=
0
Control byte
Data byte
Data register - address F6h
Picture 11: SPI multiple byte read
6.4 Interface parameter specification
General interface parameters
Table 23: Interface parameters
Parameter
Symbol
Condition
Min Typ
Max Unit
Input low level
Vil_si
VDDIO=1.2 V to 3. 6V
20
%VDDIO
Input high level
Vih_si
VDDIO=1.2 V to 3.6 V
80
%VDDIO
Output low level I2C
Vol_SDI
VDDIO=1.62 V, Iol=3 mA
20
%VDDIO
Output low level I2C
Vol_SDI_1.2
VDDIO=1.20 V, Iol=3 mA
23
%VDDIO
Output low level SPI
Vol_SDO
VDDIO=1.62 V, Iol=1 mA
20
%VDDIO
Output low level SPI
Vol_SDO_1.2
VDDIO=1.20 V, Iol=1 mA
23
%VDDIO
Output high level
Voh
VDDIO=1.62 V, Ioh=1 mA (SDO, SDI)
80
%VDDIO
Output high level
Voh_1.2
VDDIO=1.20 V, Ioh=1 mA (SDO, SDI)
60
%VDDIO
Pull-up resistor
Rpull
Internal CSB pull-up resistor to VDDIO
70
120
190
kΩ
I2C bus load capacitor Cb
On SDI and SCK
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com