Electronic Components Datasheet Search
  English  ▼

X  

BME690 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BME690
Description  Digital low power temperature, humidity, pressure and gas sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME690 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BME690 Datasheet HTML 9Page - Bosch Sensortec GmbH BME690 Datasheet HTML 10Page - Bosch Sensortec GmbH BME690 Datasheet HTML 11Page - Bosch Sensortec GmbH BME690 Datasheet HTML 12Page - Bosch Sensortec GmbH BME690 Datasheet HTML 13Page - Bosch Sensortec GmbH BME690 Datasheet HTML 14Page - Bosch Sensortec GmbH BME690 Datasheet HTML 15Page - Bosch Sensortec GmbH BME690 Datasheet HTML 16Page - Bosch Sensortec GmbH BME690 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Bosch Sensortec | BME690 - Datasheet
13 | 60
© Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BME690-DS001-04
as well as in the event of applications for industrial property rights
1.4 Pressure sensor specification
Table 9: Pressure parameter specification
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating temperature
range
TA
operational
-40
25
85
°C
full accuracy
0
65
Operating pressure
range
P
full accuracy
300
1100
hPa
Supply current
IDD,LP
1 Hz,
pressure and temperature,
lowest power
3.2
4.5
µA
Temperature coefficient
of offset17
TCOP
25 - 40 °C, 900 hPa
±1.3
Pa/K
±10.9
cm/K
Absolute accuracy
pressure
Ap, full
300 - 1100 hPa
0 - 65°C
±0.5
hPa
Relative accuracy
pressure
Arel
700 – 900 hPa,
25 - 40 °C, at constant
humidity
±0.05
hPa
Resolution of
pressure output data
RP
Highest oversampling
0.18
Pa
Noise in pressure
NP,fullBW
Full bandwidth, highest
oversampling
1.3
Pa
10.9
cm
Solder drift
Minimum solder height 50 µm
±0.8
hPa
Long-term stability18
Pstab
per year
±1
hPa
Possible sampling rate
fsample_P
Lowest oversampling
182
Hz
17 When changing temperature from 25 °C to 40 °C at constant pressure / altitude, the measured pressure / altitude will change by (15×TCOP).
18 Long-term stability is specified in the full accuracy operating pressure range 0‒65 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com