Electronic Components Datasheet Search
  English  ▼

X  

BME690 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BME690
Description  Digital low power temperature, humidity, pressure and gas sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME690 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BME690 Datasheet HTML 1Page - Bosch Sensortec GmbH BME690 Datasheet HTML 2Page - Bosch Sensortec GmbH BME690 Datasheet HTML 3Page - Bosch Sensortec GmbH BME690 Datasheet HTML 4Page - Bosch Sensortec GmbH BME690 Datasheet HTML 5Page - Bosch Sensortec GmbH BME690 Datasheet HTML 6Page - Bosch Sensortec GmbH BME690 Datasheet HTML 7Page - Bosch Sensortec GmbH BME690 Datasheet HTML 8Page - Bosch Sensortec GmbH BME690 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Bosch Sensortec | BME690 - Datasheet
2 | 60
© Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BME690-DS001-04
as well as in the event of applications for industrial property rights
BME690
Digital low power temperature, humidity, pressure and gas sensor with AI
The BME690 is the gas sensor with Artificial Intelligence (AI) and integrated high-linearity and high-accuracy
pressure, humidity and temperature sensors. It is housed in a robust yet compact 3.0 x 3.0 x 0.9 mm³ package
and especially developed for mobile & connected applications where size and low power consumption are critical
requirements. The BME690 is more robust to previous products and can be used in high condensation
applications. The gas sensor can detect Volatile Organic Compounds (VOCs), volatile sulfur compounds (VSCs)
and other gases such as carbon monoxide and hydrogen.
Same as BME688, the BME690 has a gas scanner function. In standard configuration, the presence of VSCs is
being detected as indicator for e.g. bacteria growth. And the gas scanner can be customized with respect to
sensitivity, selectivity, data rate and power consumption as well. The BME AI-Studio tool enables customers to
train the BME690 gas scanner on their specific application, like in home appliances, IoT products or Smart Home.
Typical applications
 Indoor air quality measurement
 Bad breath or spoiled food detection based on the measurement of volatile sulfur compounds, which are
an indicator of bacteria growth
 Detection of unusual gases and smells, which might indicate for instance a leakage or fire
 Diaper state detection, e.g. for baby care
 Early detection of odors & bad smells
 Wildfire detection
Target Devices
 Handsets such as mobile phones, tablet PCs, GPS devices
 Wearables e.g. smart watches or connected sensors
 Mobile / care devices like toothbrushes or breath checkers
 Smart home devices, e.g. smart speakers, connected sensors or lamps
 Room climate sensors & weather stations
 Home appliances
 Gaming, e.g. flying toys
 Connected devices, for instance for asset tracking or surveillance
 Sensor networks / sensor nodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com