Electronic Components Datasheet Search
  English  ▼

X  

BME690 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BME690
Description  Digital low power temperature, humidity, pressure and gas sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME690 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BME690 Datasheet HTML 10Page - Bosch Sensortec GmbH BME690 Datasheet HTML 11Page - Bosch Sensortec GmbH BME690 Datasheet HTML 12Page - Bosch Sensortec GmbH BME690 Datasheet HTML 13Page - Bosch Sensortec GmbH BME690 Datasheet HTML 14Page - Bosch Sensortec GmbH BME690 Datasheet HTML 15Page - Bosch Sensortec GmbH BME690 Datasheet HTML 16Page - Bosch Sensortec GmbH BME690 Datasheet HTML 17Page - Bosch Sensortec GmbH BME690 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Bosch Sensortec | BME690 - Datasheet
14 | 60
© Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BME690-DS001-04
as well as in the event of applications for industrial property rights
1.5 Temperature sensor specification
Table 10: Temperature parameter specification
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating temperature
range
TA
operational
-40
25
85
°C
Supply current
IDD,T
1 Hz, temperature
measurement only
1.3
µA
Absolute accuracy
temperature19
AT
0 - 65 °C
Other range
±0.5
±1
°C
Output resolution
RT
API output resolution
0.01
°C
RMS noise
NT
Lowest oversampling
0.005
°C
19 Temperature measured by the internal temperature sensor. This temperature value depends on the PCB temperature, sensor element self-heating and ambient temperature and is typically
above ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com