| Electronic Components Datasheet Search |
|
BME690 Datasheet(PDF) 22 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BME690 Datasheet(HTML) 22 Page - Bosch Sensortec GmbH |
|
22 / 60 page ![]() Bosch Sensortec | BME690 - Datasheet 22 | 60 © Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution, Document number: BST-BME690-DS001-04 as well as in the event of applications for industrial property rights Figure 5: Illustration of parallel measurement mode, an example with 3 step heater profile 3.6 Measurement flow Referring to Figure 2, the BME690 measurement period consists of a temperature, pressure and humidity measurement with selectable oversampling. Moreover, it contains a heating phase for the gas sensor hot plate as well as a measurement of the gas sensor resistance. In parallel mode there are 3 data registers naming Field 0, Field 1 and Field 2 which will be filled in first in first out order. After the measurement period, the pressure and temperature data can be passed through an optional IIR filter, which removes short-term fluctuations. For humidity and gas, such a filter is not needed and has not been implemented. Temperature measurement Temperature measurement can be enabled or skipped. Skipping the measurement is typically not recommended since temperature information is used to compensate temperature influences in the other parameters. When enabled, several oversampling options exist. The temperature measurement is controlled by the osrs_t<2:0> setting which is detailed in Section 5.3.3.2. For the temperature measurement, oversampling is possible to reduce the noise. The resolution of the temperature data depends on the IIR filter (see Section 5.3.3.4) and the oversampling setting: When the IIR filter is enabled, the temperature resolution is 20 bit When the IIR filter is disabled, the temperature resolution is 16 + (osrs_t – 1) bit, e.g. 18 bit when osrs_t is set to ‘3’ Using the variables listed in Table 13, the following code will calculate the compensated temperature value (in degrees Celsius). It is, however, recommended to use the sensor API available on github (Chapter 0) for a friendlier user experience. measuring gas measuring new data flag gas meas index sub meas index meas sequence wait T P H G0 wait T P H G wait T P H G1 wait T P H G2 Heater profile gas_wait_shared Number of steps Heating step 0 Heating step 1 Heating step 2 0 1 1 2 0 1 2 3 gas_wait_0=1 gas_wait_1=2 gas_wait_2=1 Data read by host Data read by host nb_conv = 3 Field 0 data updated Field 0 status updated Field 1 data updated Field 1 status updated Field 2 data updated Field 2 status updated Field 0 data updated Field 0 status updated Dummy gas conversion Write '10' to mode register to start |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |