Electronic Components Datasheet Search
  English  ▼

X  

BME690 Datasheet(PDF) 8 Page - Bosch Sensortec GmbH

Part # BME690
Description  Digital low power temperature, humidity, pressure and gas sensor with AI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME690 Datasheet(HTML) 8 Page - Bosch Sensortec GmbH

Back Button BME690 Datasheet HTML 4Page - Bosch Sensortec GmbH BME690 Datasheet HTML 5Page - Bosch Sensortec GmbH BME690 Datasheet HTML 6Page - Bosch Sensortec GmbH BME690 Datasheet HTML 7Page - Bosch Sensortec GmbH BME690 Datasheet HTML 8Page - Bosch Sensortec GmbH BME690 Datasheet HTML 9Page - Bosch Sensortec GmbH BME690 Datasheet HTML 10Page - Bosch Sensortec GmbH BME690 Datasheet HTML 11Page - Bosch Sensortec GmbH BME690 Datasheet HTML 12Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Bosch Sensortec | BME690 - Datasheet
8 | 60
© Bosch Sensortec GmbH 2025 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BME690-DS001-04
as well as in the event of applications for industrial property rights
1.2 Gas sensor specification
The tables 2-5 list the gas sensor specification. All the parameters are deduced from lab measurements under controlled
environmental conditions, which are chosen according to the ISO16000-29 standard “Test methods for VOC detectors”.
Referring to chapter 4, a software solution (BSEC: Bosch Software Environmental Cluster) is available for the BME690. The
software is carefully engineered to seamlessly work with the 4 integrated sensors inside the BME690. Based on intelligent
algorithms, the BSEC provides numerous useful outputs (see Table 20), e.g. an Index for Air Quality (IAQ), bVOC- & CO2-
equivalents (ppm) and Gas scan results (%). The IAQ output is an index that can have values between 0 and 500 with a
resolution of 1 to indicate or quantify the quality of the air available in the surrounding. Table 3 lists the IAQ system
specification. The detailed classification and colour coding of the IAQ index is described in Table 6. Furthermore, the BSEC
solution supports different operation modes (see Table 19) for the gas sensor to address the necessary power budget and
update rate requirements of the end-application.
Unless mentioned otherwise, the specifications are deduced from new sensors that have been operated for at least six days
mainly in ambient air and consequently have the same history (i.e. same power mode and exposed to the same environment).
The sensors are tested especially with hydrogen sulfide (H2S), ethanol (“EtOH”), carbon monoxide (CO) and breath-VOCs
(“b-VOC”). The b-VOC mixture, as listed in Table 7, represents the most important compounds in an exhaled breath of healthy
humans. The values are derived from several publications on breath analysis studies. The composition does not contain
species which would chemically react to ensure that the mixture is stable for at least 6 months. Furthermore, the composition
is also limited to species which can be manufactured in one mixture.
Table 2: Gas sensor parameter specification
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operational range1
-40
85
°C
10
95
% r.H.
Supply Current during
heater operation
IDD
Heater target temperature
320 °C, constant operation
(VDD ≤ 1.8 V, 25°C)
9
12
13
mA
Peak Supply Current
IPeak
occurs within first ms of
switching on the hotplate
15
17
18
mA
Average Supply
Current
(VDD ≤ 1.8 V, 25°C)
IDD,IAQ
Ultra-low power mode
0.05
mA
Low power mode
0.5
mA
Continuous mode
12
mA
Response time2
(brand-new sensors)
τ33-63%
Ultra-low power mode
92
s
τ33-63%
Low power mode
1.4
s
Resolution of gas
sensor resistance
measurement
0.05
0.08
0.11
%
Noise in gas sensor
resistance (RMS)
NR
1.5
%
1 The sensors are electrically operable within this range. Actual performance may vary.
2 Response time of unsoldered, brand-new sensors after initial stabilization extracted from the sensors’ resistance change in response to a 0.5–15 ppm step of b-VOC at 20 °C, 50% r.H. and
atmospheric pressure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com