Electronic Components Datasheet Search
  English  ▼

X  

BMA400 Datasheet(PDF) 64 Page - Bosch Sensortec GmbH

Part # BMA400
Description  3-axes ultra-low power accelerometer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA400 Datasheet(HTML) 64 Page - Bosch Sensortec GmbH

Back Button BMA400 Datasheet HTML 60Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 61Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 62Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 63Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 64Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 65Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 66Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 67Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 68Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 121 page
background image
Bosch Sensortec | BMA400 Data sheet
64 | 121
Modifications reserved | Data subject to change without notice
Document number: BST-BMA400-DS000-13 Revision_2.2_012025
Register (0x1A) ACC_CONFIG1
DESCRIPTION: the registers contain the accelerometer configuration
RESET: 0x49
DEFINITION (Go to register map):
Name
Register (0x1A) ACC_CONFIG1
Bit
7
6
5
4
Read/Write
RW
RW
RW
RW
Reset Value
0
1
0
0
Content
acc_range
osr
Bit
3
2
1
0
Read/Write
RW
RW
RW
RW
Reset Value
1
0
0
1
Content
acc_odr
acc_odr:
output data rate of accelerometer for acc_filt1
acc_odr ODR [Hz]
0x00
reserved
0x01
reserved
0x02
reserved
0x03
reserved
0x04
reserved
0x05
12.5
0x06
25
0x07
50
0x08
100
0x09
200
0x0a
400
0x0b
800
0x0c
reserved
0x0d
reserved
0x0e
reserved
0x0f
reserved
osr:
oversampling rate 0/1/2/3 for normal mode
osr=0: lowest power, lowest oversampling rate, lowest accuracy
osr=3: highest accuracy, higest oversampling rate, highest power
settings 0, 1, 2 and 3 allow linearly trading power versus accuracy(noise)
acc_range:
accelerometer measurement range
acc_range
0x00
2g
+/-2g measurement range
0x01
4g
+/-4g measurement range
0x02
8g
+/-8g measurement range
0x03
16g +/-16g measurement range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com