Electronic Components Datasheet Search
  English  ▼

X  

BMA400 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMA400
Description  3-axes ultra-low power accelerometer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA400 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMA400 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
Bosch Sensortec | BMA400 Data sheet
21 | 121
Modifications reserved | Data subject to change without notice
Document number: BST-BMA400-DS000-13 Revision_2.2_012025
Wake-up interrupt on activity
In low-power mode BMA400 wake-up interrupt is triggered, if the conditions as defined by the
configuration registers are fulfilled. This function is always on in low power mode, and can be mapped
to interrupt pin. The wake-up can be used for auto wake-up of BMA400 to normal mode and/or the
wake-up of the external MCU by mapping the interrupt to the interrupt pin.
The wake-up interrupt function evaluates acceleration data and is set as soon as the value of the
sampled data exceeds the preconfigured acceleration threshold. The comparison of the current
acceleration value with a reference is configurable between relative reference (last sampled value
stored in the register) and absolute reference (the reference values are set once and not changing
after each acceleration conversion). The delay between two data conversions is 40ms (25Hz
conversion ODR in Low-power).
The auto wake-up by wakeup interrupt on activity is activated by setting AUTOWAKEUP_1.wkup_int
bit. The wakeup status is available in INT_STAT0.wkup_int.
When woken up, an interrupt can be generated and mapped to the interrupt pins.
The wake-up interrupt function supports following configurations:
•
Selectable axis for wake-up: the wake-up interrupt function supports independent
activation/deactivation of each acceleration axis for function evaluation. This is performed by
setting the bits WKUP_INT_CONGIF0.wkup_X/Y/Z_en accordingly.
•
Reference update mode (configured by setting WKUP_INT_CONFIG0.wkup_refu)
wkup_refu<1:0>
description of wake-up interrupt references update mode
b00
manual update
The references (int_wkup_refX/Y/Z) are not updated automatically, they shall be set manually by user
in low-power mode.
b01
one time
The references is updated every time at entering low power mode. The first measured acceleration in
Low-power mode is used as reference.
b10 or b11
every time
The reference is updated every time after the acceleration conversion in low-power mode
The reference values are 8-bit signed values. The activity measurement takes the upper 8
bits of the acceleration value and compares against the reference
WKUP_INT_CONFIG[2-4].int_wkup_ref[x,y,z].
•
Threshold for activity detection: the threshold for activity detection (comparison of the difference
between the measured acceleration data and reference acceleration data) has 8-bit resolution,
corresponding to the upper 8 bits of the absolute value of the 12bit acceleration,
WKUP_INT_CONFIG1.int_wkup_thres.
•
Number of samples for decision: the number of samples for wake-up decision is configured
between 1 and 8 by the register WKUP_INT_CONFIG0. num_of_samples (number of samples
is the register value + 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com