Electronic Components Datasheet Search
  English  ▼

X  

BMA400 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BMA400
Description  3-axes ultra-low power accelerometer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA400 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BMA400 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 28Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 29Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
Bosch Sensortec | BMA400 Data sheet
29 | 121
Modifications reserved | Data subject to change without notice
Document number: BST-BMA400-DS000-13 Revision_2.2_012025
FIFO overflow behavior
A FIFO overflow occurs if the FIFO is full and a new data is to be written to the FIFO. FIFO full means
free space is less than maximum frame length of 9 bytes. The largest frame is 7 bytes long, however
each time FIFO is written (at the end of the measurement), 9 bytes can be written to the FIFO in total,
consisting of 2 frames: one with the measurement results (maximum of 7 bytes), and configuration
change frame consisting of 2 bytes. The definition of the full interrupt uses 9 bytes limit to give the host
system time to react to it before the FIFO overflows.
In case of overflow the FIFO can either stop recording data or overwrite the oldest data. The behavior
is controlled by register fifo_stop_on_full.
Streaming mode, fifo_stop_on_full = ’0’: if the new frame does not fit inside the remaining free space
in the FIFO RAM, FIFO will repeatedly delete the oldest frame until it creates enough space for the
new one.
FIFO stop-on-full mode, fifo_stop_on_full = ’1’: The newest frame is discarded.
Normal operation resumes if the FIFO full condition no longer persists.
Frames
The FIFO captures data in frames, which consist of a header and a payload.
•
Each data frame consists of a one byte header describing properties of the frame, (which data
are included in this frame) and the data itself. Beside the data frames, there are control frames,
sensortime frames and empty frames.
The header has a length of 8 bit and the following format:
Bit
7
6
5
4
3
2
1
0
Header
fh_mode<1:0>
fh_param<4:0>
0
fh_mode and fh_param<4> indicate whether the frame is a data frame (accel data), a sensortime
frame ( sensortime data), a control frame or an empty frame (all data 0).
A data frame is composed of the said header and a set of acceleration data organized as described in
table below.
Bit
7
6
5
4
3
2
1
0
Header
fh_mode<1:0>
fh_param<4:0>
0
Data 1..7
1 .. 7 Data bytes, number depending of 12 or 8bit storage mode and number of axes
enabled.
These fh_mode and fh_parm fields are defined below
fh_mode<1:0>
Definition
fh_param <4>
fh_param <3>
fh_param <2:0>
0b10
Sensor data frame b0: Sensor data frame b0: 8bit mode
b1: 12bit mode
Enabled axes
0b10
sensortime frame b1: sensortime frame
no meaning
No meaning
0b01
Control frame
b00100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com