Electronic Components Datasheet Search
  English  ▼

X  

BMA400 Datasheet(PDF) 69 Page - Bosch Sensortec GmbH

Part # BMA400
Description  3-axes ultra-low power accelerometer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA400 Datasheet(HTML) 69 Page - Bosch Sensortec GmbH

Back Button BMA400 Datasheet HTML 65Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 66Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 67Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 68Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 69Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 70Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 71Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 72Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 73Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 121 page
background image
Bosch Sensortec | BMA400 Data sheet
69 | 121
Modifications reserved | Data subject to change without notice
Document number: BST-BMA400-DS000-13 Revision_2.2_012025
Register (0x26) FIFO_CONFIG0
DESCRIPTION: the registers contain the FIFO control and FIFO configuration settings
RESET: 0x00
DEFINITION (Go to register map):
Name
Register (0x26) FIFO_CONFIG0
Bit
7
6
5
4
Read/Write
RW
RW
RW
RW
Reset Value
0
0
0
0
Content
fifo_z_en
fifo_y_en
fifo_x_en
fifo_8bit_en
Bit
3
2
1
0
Read/Write
RW
RW
RW
RW
Reset Value
0
0
0
0
Content
fifo_data_src
fifo_time_en
fifo_stop_on_full
auto_flush
auto_flush:
auto flush FIFO when changing power-mode
auto_flush
0x00
noaction no FIFO flush on changing power mode
0x01
fifo-flush FIFO flush on changing power mode
fifo_stop_on_full:
FIFO writing - stream mode / FIFO full mode
fifo_stop_on_full
0x00
streaming
overwrite oldest FIFO data when FIFO full
0x01
fifo-stop-on-full stop writing into FIFO when full
fifo_time_en: Enable sending of sensortime frame when reading burst from FIFO and the FIFO runs
empty
fifo_time_en
0x00
Disable sensortime in FIFO
0x01
Enable sensortime in FIFO
fifo_data_src: acceleration data source for storing into FIFO
fifo_data_src
0x00
acc_filt1 store data from acc_filt1 (variable data rate) in FIFO
0x01
acc_filt2 store data from acc_filt2 (100Hz data rate) in FIFO
fifo_8bit_en:
enables 8 bit FIFO mode
fifo_8bit_en
0x00
12bit store data in 12bit format (default), two bytes occupied
0x01
8bit
store data in 8bit format
fifo_x_en:
x-channel data storage control
fifo_x_en
0x00
nostore do not store x axis data
0x01
store
store x axis data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com