Electronic Components Datasheet Search
  English  ▼

X  

BMA400 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMA400
Description  3-axes ultra-low power accelerometer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA400 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMA400 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 121 page
background image
Bosch Sensortec | BMA400 Data sheet
19 | 121
Modifications reserved | Data subject to change without notice
Document number: BST-BMA400-DS000-13 Revision_2.2_012025
Current consumption (uA) in normal mode and low-power mode
ACC_CONFIG1.osr /
ACC_CONFIG0.osr_lp
11
10
01
00
Normal mode
ACC_CONFIG0.
power_mode<1:0> = b10
14.5
9.5
5.8
3.5
Low-power mode
ACC_CONFIG0.
power_mode<1:0> = b01
1.35
1.1
0.93
0.85
Noise performace (rms in mg) in normal mode and low-power mode in 4g
range (x and y axes are shown, Z-axis is 1.45 x higher )
ACC_CONFIG1.osr /
ACC_CONFIG0.osr_lp
ODR [Hz]
11
10
01
00
Normal mode
ACC_CONFIG0.
power_mode<1:0> = b10
800
4.23
5.49
7.39
10.24
400
2.98
3.89
5.23
7.24
200
2.11
2.74
3.70
5.13
100
1.50
1.93
2.61
3.63
50
1.05
1.38
1.84
2.55
25
0.74
0.97
1.31
1.81
12.5
0.54
0.68
0.92
1.29
Low-power mode
ACC_CONFIG0.
power_mode<1:0> = b01
25
3.92
5.53
7.75
10.96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com