Electronic Components Datasheet Search
  English  ▼

X  

BMA400 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMA400
Description  3-axes ultra-low power accelerometer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA400 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMA400 Datasheet HTML 5Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 6Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
Bosch Sensortec | BMA400 Data sheet
9 | 121
Modifications reserved | Data subject to change without notice
Document number: BST-BMA400-DS000-13 Revision_2.2_012025
1. Specification
Unless stated otherwise, the given values are over lifetime, operating temperature and voltage ranges.
Minimum/maximum values are ±3σ.
Parameter Specification
Parameter
Symbol
Condition
Min
Typ
Max
Units
Acceleration
Range
gFS2g
±2
g
gFS4g
±4
g
gFS8g
±8
g
gFS16g
±16
g
Supply Voltage
Internal Domains
VDD
1.72
1.8
3.6
V
Supply Voltage
I/O Domain
VDDIO
1.2
1.8
3.6
V
Voltage Input
Low Level
VIL
SPI & I²C
0.3VDDIO
Voltage Input
High Level
VIH
SPI & I²C
0.7VDDIO
Voltage Output
Low Level
VOL
VDDIO=1.8V, IOL=3mA,
SPI
0.2VDDIO
VDDIO=1.2V, IOL=3mA,
SPI
0.23VDDIO
Voltage Output
High Level
VOH
VDDIO=1.8V, IOH=3mA,
SPI
0.8VDDIO
VDDIO=1.2V,
IOH=3mA, SPI
0.62VDDIO
Total Supply
Current in
Normal mode
IDD
Nominal VDD and
VDDIO, 25°C,
OSR=3
14.5
µA
OSR=0
3.5
µA
Total Supply
Current in
Sleep Mode
IDDsum
Nominal VDD and
VDDIO, 25°C
160
nA
Total Supply
Current in
Low-power Mode
IDDlp1
Nominal VDD and
VDDIO, 25°C
25 Hz ODR
OSR=0
850
nA
Wake-Up Time
tw_up
From sleep to normal
mode
2/ODR
Power-Up Time
ts_up
Starting the device to
sleep mode
1
ms
Operating
Temperature
TA
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com