Electronic Components Datasheet Search
  English  ▼

X  

BMA400 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BMA400
Description  3-axes ultra-low power accelerometer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA400 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BMA400 Datasheet HTML 40Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 41Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 42Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 43Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 44Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 45Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 46Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 47Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
Bosch Sensortec | BMA400 Data sheet
44 | 121
Modifications reserved | Data subject to change without notice
Document number: BST-BMA400-DS000-13 Revision_2.2_012025
Interrupt engine overrun
The interrupt overrun is asserted if filter and interrupt computations cannot be finished in a sample
acquisition time. The interrupt status is mapped (mirrored) to all interrupt registers INT_STAT0,
INT_STAT1 and INT_STAT2, bit ieng_overrun_stat. The interrupt is cleared by reading of any of these
registers.
The interrupt is mapped to pads INT1 and INT2 by the registers INT1_MAP.
ieng_overrun_int1 and INT2_MAP. ieng_overrun_int2.
The interrupt behavior is not dependent on non-latch, latch mode setting.
If this occurs, advanced interrupts of less importance must be disabled until the Interrupt engine
overrun vanishes.
Orientation change interrupt
The orientation-change interrupt is enabled by (INT_CONFIG0.orientch_int) = 1.
The interrupt is optimized to detect a (screen) orientation change when the product is used in a
wearable device or similar application.
The orientation change is evaluated by monitoring the acceleration change in X/Y/Z direction (each
individually selectable). The orientation change is evaluated as difference to the last stable orientation
stored in the reference registers.
The orientation changed interrupt is generated as soon as the orientation change condition is fulfilled
on one of the enabled axes selected by (ORIENTCH_CONFIG0.orient_X/Y/Z_en).
The orientation change interrupt supports two input acceleration data streams for evaluation: acc_filt2;
and the low-pass filtered data source with 1Hz cut-off frequency acc_filt_lp
ORIENTCH_CONFIG0.data_src
Data source for Interupt
0
acc_filt2
1
acc_filt_lp
The threshold for the orientation change interrupt can be configured in the register
ORIENTCH_CONFIG1.orient_thres. The threshold configuration has 8 bits and a resolution of
8mg/LSB. In case the acceleration is above the reference acceleration stored for last position for
defined period of time ORIENTCH_CONFIG3.orient_dur; the BMA400 orientation change condition is
true.
The minimum duration of a new orientation (which shall trigger an interrupt) can be configured in the
register ORIENTCH_CONFIG3.orient_dur. The duration register has 8 bits and a resolution of
10ms/LSB.
When the duration condition is fulfilled, the reference orientation is updated according to the
configuration stored in the Register (ORIENTCH_CONFIG0.orient_refu). The reference update mode
supports following modes:
no automatic update at all, the reference orientation will be updated by the user when needed
update with output from filter acc_filt2
update with output from filter acc_filt_lp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com