Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 19 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 19 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 15Page - ASIX Electronics Corporation AX88180 Datasheet HTML 16Page - ASIX Electronics Corporation AX88180 Datasheet HTML 17Page - ASIX Electronics Corporation AX88180 Datasheet HTML 18Page - ASIX Electronics Corporation AX88180 Datasheet HTML 19Page - ASIX Electronics Corporation AX88180 Datasheet HTML 20Page - ASIX Electronics Corporation AX88180 Datasheet HTML 21Page - ASIX Electronics Corporation AX88180 Datasheet HTML 22Page - ASIX Electronics Corporation AX88180 Datasheet HTML 23Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
AX88180
19
ASIX ELECTRONICS CORPORATION
transmission is finished, AX88180 will auto-clear this bit.
2
TXD2O
R/W
0
TX Descriptor 2 Occupied
Driver set this bit to ‘1’ to indicate that it had used TX descriptor2. When the
transmission is finished, AX88180 will auto-clear this bit.
1
TXD1O
R/W
0
TX Descriptor 1 Occupied
Driver set this bit to ‘1’ to indicate that it had used TX descriptor1. When the
transmission is finished, AX88180 will auto-clear this bit.
0
TXD0O
R/W
0
TX Descriptor 0 Occupied
Driver set this bit to ‘1’ to indicate that it had used TX descriptor0. When the
transmission is finished, AX88180 will auto-clear this bit.
4.7 TXDES0--TX Descriptor0 Register
Offset Address = 0xFC20
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
TXD0_EN
R/W
0
Transmit TX descriptor 0
If this bit is enabled, MAC will begin to transmit data that are stored in TX
buffer. In former, driver had already written data that is assigned to TX
descriptor0 to TX buffer. This bit will be cleared by hardware when MAC
finished the transmission.
1= enable
0= disable
14:13
-
R
00
Reserved
12:0
TXD0_LEN
R/W
All 0’s
TX packet length (unit: byte)
Driver set this field to indicate AX88180 how many bytes will be
transmitted.
4.8 TXDES1--TX Descriptor1 Register
Offset Address = 0xFC24
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
TXD1_EN
R/W
0
Transmit TX descriptor 1
If this bit is enabled, MAC will begin to transmit data that are stored in TX
buffer. In former, driver had already written data that is assigned to TX
descriptor1 to TX buffer. This bit will be cleared by hardware when MAC
finished the transmission.
1= enable
0= disable
14:13
-
R
00
Reserved
12:0
TXD1_LEN
R/W
All 0’s
TX packet length (unit: byte)
Driver set this field to indicate AX88180 how many bytes will be
transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com