Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 23 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 19Page - ASIX Electronics Corporation AX88180 Datasheet HTML 20Page - ASIX Electronics Corporation AX88180 Datasheet HTML 21Page - ASIX Electronics Corporation AX88180 Datasheet HTML 22Page - ASIX Electronics Corporation AX88180 Datasheet HTML 23Page - ASIX Electronics Corporation AX88180 Datasheet HTML 24Page - ASIX Electronics Corporation AX88180 Datasheet HTML 25Page - ASIX Electronics Corporation AX88180 Datasheet HTML 26Page - ASIX Electronics Corporation AX88180 Datasheet HTML 27Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
AX88180
23
ASIX ELECTRONICS CORPORATION
4.17 MAC_CFG3--MAC Configuration3 Register
Offset Address = 0xFC4C
Default = 0x0000_060E
Field
Name
Type
Default
Description
15
NOABORT
R/W
0
No Abort
When this bit is enabled, MAC will keep retry transmit current frame even
excessive collision otherwise it will abort current transmission due to
excessive collision.
1 = enable
0 = disable
13:7
IPGR1
R/W
0001100
Inter-Frame Gap segment1
6:0
IPGR2
R/W
0001110
Inter-Frame Gap segment2
4.18 TXPAUT--TX Pause Time Register
Offset Address= 0xFC54
Default = 0x001F_E000
Field
Name
Type
Default
Description
31:23
-
R
All 0’s
Reserved
22:0
TXPVAL
R/W
0x1F_E000
TX Pause Time out
It is used to re-transmit a pause-on frame when pause timer expired and
receive buffer still not enough.
In 32-bit mode, this field should be set to 0x1F_E000 at 1000Mbps mode
and set to 0x7F_8000 at 10/100Mbps modes.
In 16-bit mode, this field should be set to 0xFFFF at 10/100/1000Mbps
modes. (Note: The bit 16 ~ 22 of this field are invalid in 16-bit mode.)
4.19 RXBTHD0--RX buffer Threshold0 Register
Offset Address= 0xFC58
Default = 0x0000_0300
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXLOWB
R/W
0x300
RX Remainder Capacity Low-Bound
This field defines as the remainder capacity of RX buffer for pause
operation. If the flow control (bit12 of MAC_CFG0) is enabled, MAC will
send pause frame when the available space of receive buffer is less than
this value. The unit is 16-byte.
4.20 RXBTHD1--RX Buffer Threshold1 Register
Offset Address= 0xFC5C
Default = 0x0000_0600
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXHIGHB
R/W
0x600
RX Remainder Capacity Upper-Bound
This field defines as upper bound of remainder size of RX buffer for pause
operation. If the flow control is enabled, MAC will stop to send pause
frame until the available space of receive buffer is more than this value.
The unit is 16-byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com