Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 21Page - ASIX Electronics Corporation AX88180 Datasheet HTML 22Page - ASIX Electronics Corporation AX88180 Datasheet HTML 23Page - ASIX Electronics Corporation AX88180 Datasheet HTML 24Page - ASIX Electronics Corporation AX88180 Datasheet HTML 25Page - ASIX Electronics Corporation AX88180 Datasheet HTML 26Page - ASIX Electronics Corporation AX88180 Datasheet HTML 27Page - ASIX Electronics Corporation AX88180 Datasheet HTML 28Page - ASIX Electronics Corporation AX88180 Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
AX88180
25
ASIX ELECTRONICS CORPORATION
4.25 MACID2--MAC ID2 Register
Offset Address = 0xFC78
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved.
15:0
MID47_32
R/W
0x0000
MAC ID Address [47:32].
4.26 TXLEN--TX Length Register
Offset Address = 0xFC7C
Default = 0x0000_05FC
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
MAXTXLEN
R/W
0x5FC
Max TX packet size
This field defines the maximum raw packet size in transmittance. It is not
included 4 bytes CRC.
4.27 RXFILTER--RX Packet Filter Register
Offset Address = 0xFC80
Default = 0x0000_0004
Field
Name
Type
Default
Description
31:6
-
R
All 0’s
Reserved
5
GOODCRC
R/W
0
Good CRC enable
When this bit is enabled, AX88180 will receive any packet of good
CRC.
1 = enable
0 = disable
4
MULTI_HASH
R/W
0
Receive Multicast packet by lookup hash table.
When this is enabled, AX88180 will receive multicast packet by the
hash mapping function. It will refer to HASTAB0, HASHTAB1,
HASHTAB2 and HASHTAB3 to look up the table.
1 = enable
0 = disable
3
BROADCAST
R/W
0
Receive Broadcast packet
When this bit is enabled, AX88180 will receive the broadcast packet
1 = enable
0 = disable
2
UNICAST
R/W
1
Receive Directed Packet.
If this bit is enabled, AX88180 will compare the destination address
field of received packet with the address of MAC (refer to MACID0,
MACID1, MACID2).
When it is matched and good CRC, the packet
will be passed to driver. Otherwise it will be dropped.
1 = enable
0 = disable
1
MULTICAST
R/W
0
Receive all Multicast Packets.
If this bit is enabled, any multicast packet (good CRC) will be received
and passed to driver.
1 = enable
0 = disable
0
RXANY
R/W
0
Receive Anything.
If this bit is enabled, any packet whether it is good or fail will be
received and passed to driver.
1 = enable
0 = disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com