Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 26Page - ASIX Electronics Corporation AX88180 Datasheet HTML 27Page - ASIX Electronics Corporation AX88180 Datasheet HTML 28Page - ASIX Electronics Corporation AX88180 Datasheet HTML 29Page - ASIX Electronics Corporation AX88180 Datasheet HTML 30Page - ASIX Electronics Corporation AX88180 Datasheet HTML 31Page - ASIX Electronics Corporation AX88180 Datasheet HTML 32Page - ASIX Electronics Corporation AX88180 Datasheet HTML 33Page - ASIX Electronics Corporation AX88180 Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
AX88180
30
ASIX ELECTRONICS CORPORATION
4.44 DOGTHD0—Watch Dog Timer Threshold0 Register
Offset Address = 0xFCE0
Default = 0x0000_FFFF
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
DOGTH0 R/W
0xFFFF
Watch Dog Timer Low Word
This register and DOGTHD1[11:0] are defined to an expired threshold for
internal watchdog counter. The threshold {[DOGTHD1, DOGTHD0] is a 28-bit
value. To multiply 28-bit value with one-cycle period of a host clock is the
expired duration. If the DOGEN is set to ‘1’ and WDTEI of ISR is set, then
AX88180 will periodically generate interrupt whenever the counter reaches to the
threshold.
4.45 DOGTHD1—Watch Dog Timer Threshold1 Register
Address = 0xFCE4
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
DOGEN R/W
0
Dog Timer Enable
1 = Enable internal dog timer
0 = Disable
14:12
-
R/W
All 0’s
Reserved
11:0
DOGTH1 R/W
0x000
Dog Timer High Field.
This field and DOGTHD0[15:0] combine to a 28-bit register.
4.46 SOFTRST --- Software Reset Register
Address = 0xFCEC
Default = 0x0000_0003
Field
Name
Type
Default
Description
31:2
-
R
All 0’s
Reserved
1
-
R/W
1
Reserved
0
RST_MAC R/W
1
Software Reset enable
Driver set this bit to ‘0’ to reset MAC. The reset duration is depended on
whenever this bit is de-asserted by driver. Most registers will be cleared to default
value.
1 = in normal operation
0 = in reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com