Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 29Page - ASIX Electronics Corporation AX88180 Datasheet HTML 30Page - ASIX Electronics Corporation AX88180 Datasheet HTML 31Page - ASIX Electronics Corporation AX88180 Datasheet HTML 32Page - ASIX Electronics Corporation AX88180 Datasheet HTML 33Page - ASIX Electronics Corporation AX88180 Datasheet HTML 34Page - ASIX Electronics Corporation AX88180 Datasheet HTML 35Page - ASIX Electronics Corporation AX88180 Datasheet HTML 36Page - ASIX Electronics Corporation AX88180 Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
AX88180
33
ASIX ELECTRONICS CORPORATION
5.2 A.C. Timing Characteristics
5.2.1 Host Clock
A. Reference clock (HCLK)
Description
Min
Typ.
Max
Units
Reference frequency
40
-
100
MHz
Reference clock duty cycle
40
50
60
%
B. Reference clock (CLK125)
Description
Min
Typ.
Max
Units
Reference frequency
-
125
-
MHz
Reference clock duty cycle
45
50
55
%
5.2.2 Reset Timing
Symbol
Description
Min
Typ.
Max
Units
Trst
Reset pulse width
0.5
-
-
ms
5.2.3 Host Single Write Timing
Symbol
Description
Min
Typ.
Max
Units
Tsetup
CSN, WEN to HCLK setup timing
2
-
-
ns
Tar
HA exceed to WEN timing
0
HCLK
Tad
HA exceed to WEN timing
0
HCLK
Tvalid_cycle A Valid write cycle timing (synchronous to
MCU)
4
-
-
HCLK
Tvalid_cycle A Valid write cycle timing- (asynchronous to
MCU)
6
-
-
HCLK
HC L K
RS T _ N
Tr s t
HCLK
CSN
WEN
Valid address
HA[15:1]
Valid data
HD[31:0]
Tsetup
Tar
Tad
Tvalid_cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com