Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 25Page - ASIX Electronics Corporation AX88180 Datasheet HTML 26Page - ASIX Electronics Corporation AX88180 Datasheet HTML 27Page - ASIX Electronics Corporation AX88180 Datasheet HTML 28Page - ASIX Electronics Corporation AX88180 Datasheet HTML 29Page - ASIX Electronics Corporation AX88180 Datasheet HTML 30Page - ASIX Electronics Corporation AX88180 Datasheet HTML 31Page - ASIX Electronics Corporation AX88180 Datasheet HTML 32Page - ASIX Electronics Corporation AX88180 Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
AX88180
29
ASIX ELECTRONICS CORPORATION
4.39 MAXRXLEN--Max. RX Packet Length Register
Offset Address= 0xFCB8
Default = 0x0000_0600
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXLEN R/W
0x600
Max RX Packet length
This field defines the max length of received packet. It doesn’t include 4-byte
CRC.
4.40 HASHTAB0--Hash Table0 Register
Offset Address = 0xFCC0
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
HTAB0
R/W
0x0000
Hash table:
bit15~bit0
Driver sets HASHTAB0, HASHTAB1, HASHTAB2 and HASHTAB3 to define
64-bit hash table. AX88180 will refer this table to check multicast packet if
multicast filter is enabled (bit4 of RXFILTER) for RX. When AX88180 receives
a packet then it extracts the destination address (DA). The DA is calculated by
CRC32 algorithm. After the operation, AX88180 will grab the MSB[31:27] of
result as hash table index. The range of index is from 0 to 63. For example, the
hash
table
is
composite
as
{HASHTAB3[15:0],
HASHTAB2[15:0],
HASHTAB1[15:0], HASHTAB0[15:0]}. If AX88180 detects the MSB[31:27] =
26 of CRC32 of DA for someone multicast packet, and driver set ‘1’ to
HASHTAB1[10], then the multicast packet will received by AX88180.
4.41 HASHTAB1--Hash Table1 Register
Offset Address = 0xFCC4
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
HTAB1
R/W
0x0000
Hash table:
bit31~bit16
4.42 HASHTAB2--Hash Table2 Register
Offset Address = 0xFCC8
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
HTAB2
R/W
0x0000
Hash table: bit47~bit32
4.43 HASHTAB3--Hash Table3 Register
Offset Address = 0xFCCC
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
HTAB3
R/W
0x0000
Hash table: bit63 ~ bit48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com