Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 20Page - ASIX Electronics Corporation AX88180 Datasheet HTML 21Page - ASIX Electronics Corporation AX88180 Datasheet HTML 22Page - ASIX Electronics Corporation AX88180 Datasheet HTML 23Page - ASIX Electronics Corporation AX88180 Datasheet HTML 24Page - ASIX Electronics Corporation AX88180 Datasheet HTML 25Page - ASIX Electronics Corporation AX88180 Datasheet HTML 26Page - ASIX Electronics Corporation AX88180 Datasheet HTML 27Page - ASIX Electronics Corporation AX88180 Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
AX88180
24
ASIX ELECTRONICS CORPORATION
4.21 RXFULTHD--RX Buffer Full Threshold Register
Offset Address= 0xFC60
Default = 0x0000_0100
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXFULB
R/W
0x100
RX Full Threshold
This field defines the least capacity of RX buffer. AX88180 will cause RX
full if it remains capacity under this value. The unit is 16-byte.
4.22 MISC—Misc. Control Register
Offset Address= 0xFC68
Default = 0x0000_0013
Field
Name
Type
Default
Description
31:6
-
R
All 0’s
Reserved
5
WAKE_LNK
R/W
0
WAKE-UP by Link-Up Function
If this bit is enabled, MAC will drive wakeup pin whenever there is link-up
occurrence. The polarity of wakeup pin is according to bit0 of CMD
register.
1= enable
0= disable
4
WAKE_MAG
R/W
1
WAKE-UP by Magic Packet
If this bit is enabled, MAC will drive wakeup pin whenever there is magic
packet detected by hardware. The polarity of wakeup pin is according to
bit0 of CMD register.
1= enable wake-up by magic packet
0 = disable
3:2
-
R/W
00
Reserved
1
-
R/W
1
Reserved
0
SRST_MAC
R/W
1
Software Reset MAC core
Driver set this bit to ‘0’ to reset core of MAC. The reset duration is
depended on whenever this bit is de-asserted by driver. There are only
RXCURT and RXBOUND registers will be cleared by this bit. Others
registers will not be affected
1 = in normal operation
0 = in reset status
4.23 MACID0--MAC ID0 Register
Offset Address = 0xFC70
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved.
15:0
MID15_0
R/W
0x0000
MAC ID Address [15:0].
This field defines lower address bit15 to bit0 of MAC. The MACID0, MACID1
and MACID2 combine into 48-bit MAC address. The MAC address format is
[47:0] = {MACID2[15:0], MACID1[15:0], MACID0[15:0]}. If the EEPROM is
attached, this field will be auto-loaded from EEPROM after hardware reset.
4.24 MACID1--MAC ID1 Register
Offset Address = 0xFC74h
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved.
15:0
MID31_16
R/W
0x0000
MAC ID Address [31:16].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com