Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 18Page - ASIX Electronics Corporation AX88180 Datasheet HTML 19Page - ASIX Electronics Corporation AX88180 Datasheet HTML 20Page - ASIX Electronics Corporation AX88180 Datasheet HTML 21Page - ASIX Electronics Corporation AX88180 Datasheet HTML 22Page - ASIX Electronics Corporation AX88180 Datasheet HTML 23Page - ASIX Electronics Corporation AX88180 Datasheet HTML 24Page - ASIX Electronics Corporation AX88180 Datasheet HTML 25Page - ASIX Electronics Corporation AX88180 Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
AX88180
22
ASIX ELECTRONICS CORPORATION
1 = enable
0 = disable
12
GIGA_EN
R/W
0
Gigabit Mode Enable
When this bit is enabled, MAC will operate in 1000Mbps mode.
1 = enable
0 = disable
11
RXJUMBO
R/W
0
RX Jumbo Enable
When this bit is enabled, MAC will receive jumbo package
1 = enable
0 = disable
10:7
RXJUBOLEN R/W
0000
Length Limit of received Jumbo package
This field defines the maximum length of received jumbo package.
0001: 1K bytes
0010: 2K bytes
0011: 3K bytes
---------------------
1110: 14K bytes
1111: 15K bytes
6
DUPLEX
R/W
0
Duplex Mode.
1 = Full-Duplex mode
0 = Half-Duplex mode
5
TXFLW_EN
R/W
0
TX Flow Enable
When this bit is enabled, MAC will block the transmitted operation when it
captures pause frame from Ethernet. The re-transmission will be activated
until the waiting time is expired.
1 = enable
0 = disable
4:2
-
R/W
000
Reserved, must set to ‘0s’ for normal operation
1
RGMIIEN
R/W
0
RGMII Mode Enable
When this bit is enabled, AX88180 will operate in RGMII interface. Driver
must set external PHY to RGMII mode and enable this bit in initial stage.
Driver also must set RGMII interface of external PHY with add-delay
timing in its internal.
1 = enable
0 = disable
0
-
R/W
0
Reserved, must set to ‘0s’ for normal operation
4.16 MAC_CFG2--MAC Configuration2 Register
Offset Address = 0xFC48
Default = 0x0000_0100
Field
Name
Type
Default
Description
15:8
-
R/W
0x01
Reserved, keep this field in default value for normal operation.
7:2
JamLT
R/W
000000
Define Jam Limit for backpressure collision account.
Normally set this field at 0x19. It can avoid HUB port going to partition state due to
too many collisions. AX88180 will skip one frame collision backpressure when
collision counter equal to JamLT. The collision count will be reset to zero when
every transmit frame with no collision or receive a frame with no backpressure
collision.
1:0
-
R/W
00
Reserved, must set to ‘00’ for normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com