Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 5Page - ASIX Electronics Corporation AX88180 Datasheet HTML 6Page - ASIX Electronics Corporation AX88180 Datasheet HTML 7Page - ASIX Electronics Corporation AX88180 Datasheet HTML 8Page - ASIX Electronics Corporation AX88180 Datasheet HTML 9Page - ASIX Electronics Corporation AX88180 Datasheet HTML 10Page - ASIX Electronics Corporation AX88180 Datasheet HTML 11Page - ASIX Electronics Corporation AX88180 Datasheet HTML 12Page - ASIX Electronics Corporation AX88180 Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
AX88180
9
ASIX ELECTRONICS CORPORATION
Asynchronous signal CRS is asserted by the PHY when either the transmitted or
receive medium is non-idle.
MDIO
IO2, PU,
8mA
59
Station Management Data Input /Output:
Serial data input/Output transfers from/to the PHY. The transfer protocol conforms
to the IEEE 802.3u MII specification.
MDC
O2, 8mA
58
Station Management Data Clock:
The timing reference for MDIO. All data transfers on MDIO are synchronized to the
rising edge of this clock.
PHYINTN I2
46
Interrupt signal from PHY, active low.
TXCLK
I2
69
A clock from Giga-PHY operates in MII mode.
If Giga-PHY provides clock for 10/100M in MII mode, AX88180 can use this pin as
reference clock. For normal operation, to connect TXCLK of Giga-PHY with this
pin.
2.3 Host Interface
Table 2 : Host Interface signals group
Pin Name
Type
Pin NO
Pin Description
INTN
TSO, 8mA
102
Interrupt to host system
When the polarity is active high, this signal must be pulled low, otherwise pulled
high in active low environment. Software set the bit6 of command register (CMD) to
response the polarity.
RST_N
I3
103
Reset signal: active low.
HCLK
I3
104
Reference Clock. This clock may be from host (synchronous mode) or the output of
stand-alone OSC (asynchronous mode).
WAKEUP
TSO, 8mA
115
Wake-up signal to system. When the polarity of system is active high, this signal
must be pulled low, otherwise pulled high in active low environment. Software set
the bit0 of command register (CMD) to response the polarity.
HD0
IO3, 8mA
19
Data bus bit0.
HD1
IO3, 8mA
18
Data bus bit1.
HD2
IO3, 8mA
17
Data bus bit2.
HD3
IO3, 8mA
16
Data bus bit3.
HD4
IO3, 8mA
15
Data bus bit4.
HD5
IO3, 8mA
14
Data bus bit5.
HD6
IO3, 8mA
12
Data bus bit6.
HD7
IO3, 8mA
11
Data bus bit7.
HD8
IO3, 8mA
10
Data bus bit8.
HD9
IO3, 8mA
9
Data bus bit9.
HD10
IO3, 8mA
7
Data bus bit10.
HD11
IO3, 8mA
6
Data bus bit11.
HD12
IO3, 8mA
5
Data bus bit12.
HD13
IO3, 8mA
3
Data bus bit13.
HD14
IO3, 8mA
2
Data bus bit14.
HD15
IO3, 8mA
128
Data bus bit15.
HD16
IO3, 8mA
127
Data bus bit16, internal pull down. *
HD17
IO3, 8mA
126
Data bus bit17, internal pull down. *
HD18
IO3, 8mA
125
Data bus bit18, internal pull down. *
HD19
IO3, 8mA
124
Data bus bit19, internal pull down. *
HD20
IO3, 8mA
122
Data bus bit20, internal pull down. *
HD21
IO3, 8mA
121
Data bus bit21, internal pull down. *
HD22
IO3, 8mA
120
Data bus bit22, internal pull down. *
HD23
IO3, 8mA
118
Data bus bit23, internal pull down. *
HD24
IO3, 8mA
116
Data bus bit24, internal pull down. *
HD25
IO3, 8mA
114
Data bus bit25, internal pull down. *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com