Electronic Components Datasheet Search
  English  ▼

X  

AX88180 Datasheet(PDF) 28 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 28 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 24Page - ASIX Electronics Corporation AX88180 Datasheet HTML 25Page - ASIX Electronics Corporation AX88180 Datasheet HTML 26Page - ASIX Electronics Corporation AX88180 Datasheet HTML 27Page - ASIX Electronics Corporation AX88180 Datasheet HTML 28Page - ASIX Electronics Corporation AX88180 Datasheet HTML 29Page - ASIX Electronics Corporation AX88180 Datasheet HTML 30Page - ASIX Electronics Corporation AX88180 Datasheet HTML 31Page - ASIX Electronics Corporation AX88180 Datasheet HTML 32Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
AX88180
28
ASIX ELECTRONICS CORPORATION
4.35 RXCRCNT--RX CRC Error Counter
Offset Address = 0xFCA8
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
RXCRCCNT R/W
All 0’s
RX CRC32 Error Counter
MAC checks the received packet. If there is a CRC error detect, this field will
be added one. The value will be rounded back to 0x0000 if it exceeds 0xFFFF.
4.36 TXFAILCNT--TX Fail Counter
Offset Address = 0xFCAC
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
TXFILCNT R/W
All 0’s
TX Fail Counter
This field records the number of transmitted error for TX packet. The value will
be rounded back to 0x0000 if it exceeds 0xFFFF.
4.37 PROMDPR--EEPROM Data Port Register
Offset Address = 0xFCB0
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
PROMDP R/W
All 0’s
EEPROM Data Port
The data to or from EEPROM is set in this field.
4.38 PROMCTRL--EEPROM Control Register
Offset Address= 0xFCB4
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:15
-
R
All 0’s
Reserved
14:12
ROM_CMD R/W
000
EEPROM Command Code.
Driver set this field to represent what type command will be send to EEPROM
device.
110
= read command
111
= erase command
101
= write command
11
ROM_WT
R/W
0
Write EEPROM
Set to ‘1’ to write EEPROM, it will be auto-cleared when AX88180 finishes the
write operation.
10
ROM_RD
R/W
0
Read EEPROM
Set to ‘1’ to read EEPROM, it will be cleared when MAC finished the read
operation. Driver can read PROMDPR register to get the returned data.
9
ROM_RLD
R/W
0
Reload EEPROM
Set to ‘1’ to re-load EEPROM, this bit will be auto-cleared when AX88180
finishes loading operation.
8
-
R
0
Reserved
7:0
ROM_ADDR R/W
0x00
EEPROM Address
Set this field to define the address for serial EEPROM access. (only support
16-bit data access, e.g. 93C56 type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com