Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 6 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 6 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 2Page - Analog Devices LT7153SP Datasheet HTML 3Page - Analog Devices LT7153SP Datasheet HTML 4Page - Analog Devices LT7153SP Datasheet HTML 5Page - Analog Devices LT7153SP Datasheet HTML 6Page - Analog Devices LT7153SP Datasheet HTML 7Page - Analog Devices LT7153SP Datasheet HTML 8Page - Analog Devices LT7153SP Datasheet HTML 9Page - Analog Devices LT7153SP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev 0
6 of 31
(Specifications are at TA = 25°C. VIN = 5V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
PGOOD Leakage
Current
IPGOOD
0.5
µA
PGOOD Pull-Down
Resistance
RPGOOD
VPG= 0.1V
5
Ω
PGOOD Delay
PG(Delay)
PGOOD Low to High
6
Cycles
PGOOD High to Low
25
Track/Soft-Start
Source Current
ITRACK/SS
VTRACK/SS = 0V
10
15
µA
Pull-Down Resistance
RTRACK/SS
VTRACK/SS = 0.1V
2500
Ω
.
1
The LT7153SP is tested under pulsed load conditions such that TJ ≈ TA. Specifications over the –40°C to 125°C
operating junction temperature range are assured by design, characterization, and correlation with statistical
process controls. The LT7153SP is guaranteed over the full –40°C to 125°C operating junction temperature
range. Note that the maximum ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated package thermal impedance, and
other environmental factors. The junction temperature (TJ, in °C) is calculated from the ambient temperature
(TA, in °C) and power dissipation (PD, in watts) according to the formula:
TJ = TA + (PD • θJA), where θJA (in °C/W) is the package thermal impedance.
2
The quiescent current in Discontinuous Mode does not include switching loss of the power FETs.
3
VFB is measured in a feedback loop that servos VITH to a specified voltage.
4
Inductor should be selected such that peak inductor current does not exceed 39A in application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com