Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 7 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 7 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 3Page - Analog Devices LT7153SP Datasheet HTML 4Page - Analog Devices LT7153SP Datasheet HTML 5Page - Analog Devices LT7153SP Datasheet HTML 6Page - Analog Devices LT7153SP Datasheet HTML 7Page - Analog Devices LT7153SP Datasheet HTML 8Page - Analog Devices LT7153SP Datasheet HTML 9Page - Analog Devices LT7153SP Datasheet HTML 10Page - Analog Devices LT7153SP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev 0
7 of 31
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
SVIN, PVIN, SW
-0.3V to 5.5V
RUN, PGOOD, TRACK
-0.3V to 5.5V
MODE, SYNC/SPREAD
-0.3V to INTVcc + 0.3V
FB, ITH, RT
-0.3V to INTVcc + 0.3V
PHSMD1/ISEL, PHSMD2/ILIM, CLKOUT, AVPSEL
-0.3V to INTVcc + 0.3V
VOUT-
-0.3V to 0.3V
Operating Junction Temperature Range
-40°C to 125°C
Storage Temperature Range
-65°C to 150°C
Maximum Internal Temperature
125°C
Peak Reflow Solder Body temperature
260°C
.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com