Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 19 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 19 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 15Page - Analog Devices LT7153SP Datasheet HTML 16Page - Analog Devices LT7153SP Datasheet HTML 17Page - Analog Devices LT7153SP Datasheet HTML 18Page - Analog Devices LT7153SP Datasheet HTML 19Page - Analog Devices LT7153SP Datasheet HTML 20Page - Analog Devices LT7153SP Datasheet HTML 21Page - Analog Devices LT7153SP Datasheet HTML 22Page - Analog Devices LT7153SP Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev 0
19 of 31
Soft-Start and Output Voltage TRACK
An internal 10µA pulls up the TRACK pin to INTVcc. Putting an external capacitor, CSS, from TRACK to ground enables
soft starting the output to prevent a current surge on the input supply. The relationship between output rise time,
TSS, and soft-start capacitance, CSS, is given by:
TSS = 0.5e5 • CSS
Upon start-up time, the LT7153SP operates in discontinuous mode until track voltage is higher than 0.5V. The
regulator then operates in forced continuous mode until output is above the UV threshold (VFB > 0.475V). Once the
output reaches this voltage, the operating mode of the regulator switches to the mode selected by the MODE pin as
described above.
The LT7153SP allows the user to program its output voltage ramp rate through the TRACK pin. From 0V to 0.5V, the
TRACK voltage overrides the internal 0.5V reference input to the error amplifier, thus regulating the feedback voltage
to that of the TRACK pin. When TRACK is above 0.5V, tracking is disabled, and the feedback voltage regulates to the
internal reference voltage.
Inductor Selection
For a given input voltage, VIN, output voltage, VOUT, the inductor value, L, and operating frequency, f, determine the
ripple current:
∆IL =
VOUT
fSW • L
• (1 −
VOUT
VIN
)
The inductor current ripple decreases with higher inductor value and higher operating frequency. Lower ripple
current reduces core losses in the inductor, ESR losses in the output capacitors, and output voltage ripple. Highest
efficiency operation is obtained at low frequency with small ripple current. However, achieving this requires a large
inductor. There is a trade-off between component size, efficiency, and operating frequency.
A reasonable starting point is to choose a ripple current that is about 40% of IOUT(MAX). Exceeding 60% of IOUT(MAX) is not
recommended. Note that the largest ripple current occurs at the highest VIN. To guarantee that ripple current does
not exceed a specified maximum, the inductance should be chosen according to:
L =
VOUT
fSW • ∆L(MAX)
• (1 −
VOUT
VIN(MAX)
)
Once the value for L is known, the type of inductor must be selected. Actual core loss is independent of core size for
a fixed inductor value, but is very dependent on the inductance selected. As the inductance or frequency increases,
core losses decrease. Unfortunately, increased inductance requires more turns of wire leading to increased DCR and
copper losses.
Ferrite designs have very low core losses and are preferred at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation. Ferrite core material saturates hard, which means that
inductance collapses abruptly when the peak design current is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage ripple. Do not allow the core to saturate.
To avoid overheating and poor efficiency, choose an inductor with an RMS current rating that is greater than the
maximum expected output load of the application. In addition, the saturation current (typically labeled ISAT) rating
of the inductor must be higher than the load current plus 1/2 of inductor ripple current:
IL(PEAK) = IOUT(MAX) +
∆IL
2
Different core materials and shapes change the size/current and price/current relationship of an inductor. Toroid or
shielded pot cores in ferrite or permalloy materials are small and do not radiate much energy, but generally cost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com