Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 9 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 9 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 5Page - Analog Devices LT7153SP Datasheet HTML 6Page - Analog Devices LT7153SP Datasheet HTML 7Page - Analog Devices LT7153SP Datasheet HTML 8Page - Analog Devices LT7153SP Datasheet HTML 9Page - Analog Devices LT7153SP Datasheet HTML 10Page - Analog Devices LT7153SP Datasheet HTML 11Page - Analog Devices LT7153SP Datasheet HTML 12Page - Analog Devices LT7153SP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev 0
9 of 31
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
1
INTVcc
Internal 3.6V regulator output. The internal power drivers and control circuits are
powered from this voltage. Decouple this pin to power ground with a minimum of
4.7µF low ESR ceramic capacitor.
2-12
SW
Switch node connection of external inductor. Voltage swing of SW is from a diode
voltage drop below ground to a diode voltage above PVIN.
13
RUN
Logic controlled RUN input. Do not leave this pin floating. Logic high activates the
step-down regulator.
14
AVPSEL
Use this pin to select between three different load lines; tied to GND: 0.2%, float: 1%,
INTVcc:1.5%.
15
PHSMD1/
ISEL
Control inputs to the phase selector and ILIM option. A high or low state on this pin, in
conjunction with the state of the PHSMD2/ILIM pin, determines the phase relationship
between SYNC and the internal oscillator and between the internal oscillator and
CLKOUT. When this pin is floated to mid rail (1/2 INTVcc), the PHSMD2/ILIM pin can be
used to select between three lower ILIM settings.
16
PHSMD2/
ILIM
Control inputs to the phase selector and ILIM set. When PHSMD1/ISEL is high or low,
this pin in conjunction with PHSMD1/ILIM determines the phasing between SYNC and
the internal oscillator and between the internal oscillator and CLKOUT. When
PHSMD1/ISEL is floated to mid rail (1/2 INTVcc), this pin can be used to select between
three different lower ILIM settings.
17
MODE
Mode select pin. Tie MODE to GND for discontinuous mode of operation. Float or tie
MODE to a voltage above 1V selects forced continuous mode.
18
PGOOD
Output power good with open-drain logic. PGOOD is pulled to ground when the
voltage of the FB pin is not within ±6.5% of the internal 0.5V reference.
19-27
PVIN
Power VIN. Input voltage to the on-chip power MOSFETs.
28
SYNC/
SPREAD
Spread spectrum select and oscillator synchronization pin. Tie SYNC/SPREAD to GND
to disable spread spectrum operation; tie to INTVcc or float to start spread spectrum.
Connect to an external clock to synchronize the system clock to the external clock and
put the part in forced continuous mode.
29
SVIN
Signal VIN. Filtered input voltage to the on-chip 3.6V regulator. Bypass the signal into
the SVIN pin through a 2.2Ω resistor in series with 10µF ceramic capacitor.
30
CLKOUT
Output clock signal for PolyPhase operation. The phase of CLKOUT with respect to
SYNC is determined by the state of PHSMD1 and PHSMD2 pins. CLKOUT’s peak-to-peak
amplitude is INTVcc to GND. Minimize the parasitic capacitance on this pin to reduce
phase errors. When RUN is low, this pin defaults high.
31
SGND
Ground for signal ground.
32
RT
Switching frequency programming pin. Connect an external resistor from this pin to
GND to program the frequency from 400kHz to 5MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com