Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 18 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 18 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 14Page - Analog Devices LT7153SP Datasheet HTML 15Page - Analog Devices LT7153SP Datasheet HTML 16Page - Analog Devices LT7153SP Datasheet HTML 17Page - Analog Devices LT7153SP Datasheet HTML 18Page - Analog Devices LT7153SP Datasheet HTML 19Page - Analog Devices LT7153SP Datasheet HTML 20Page - Analog Devices LT7153SP Datasheet HTML 21Page - Analog Devices LT7153SP Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev 0
18 of 31
APPLICATIONS INFORMATION
A simplified LT7153SP application circuit is shown on the first page of the data sheet. External component selection
is largely driven by the target current ripple, load requirement, and switching frequency. Component selection
typically begins with the selection of the inductor L and resistor RRT. Once the inductor is chosen, select the input
capacitor, CIN, and the output capacitor, COUT. Next, select the feedback resistors to set the desired output voltage.
Finally, select the remaining optional external components for functions such as external loop compensation,
tracking/soft-start, input UVLO, and PGOOD.
Silent Switcher Architecture
The LT7153SP has integrated capacitors that allow it to operate at high switching frequencies efficiently. The internal
VIN bypass capacitors allow the SW edges to transition extremely fast, effectively reducing transition loss. The
capacitors also greatly reduce SW overshoot during top FET turn-on, which improves the robustness of the device
over time.
Programming Switching Frequency
Selection of the switching frequency is a trade-off between efficiency and component size. High frequency operation
allows the use of smaller inductors and capacitors. Operating at lower frequencies improves efficiency by reducing
internal gate charge losses but requires larger inductances and capacitances to maintain low output ripple voltage.
Connecting a resistor, RRT, from the RT pin to SGND programs the switching frequency, f
SW, from 400kHz to 5MHz
according to the following formula:
fSW(Hz) =
1e11
RRT(Ω)
The internal PLL has a synchronization range of ±30% around its programmed frequency. Therefore, during external
clock synchronization be sure that the external clock frequency is within this ±30% range of the RRT programmed
frequency.
Output Voltage Programming
Each regulator’s output voltage is set by an external resistive divider according to the following equation:
VOUT = 0.5V • (1 +
R1
R2
)
The desired output voltage is set by the appropriate selection of resistors R1 and R2, which allow the VFB pin to sense
a fraction of the output voltage, as shown in Figure 27. Choosing large values for R1 and R2 results in improved
zero/light load efficiency but may lead to undesirable noise coupling or phase margin reduction due to stray
capacitances at the VFB node. Take care to route the VFB trace away from any noise source, such as SW trace. A
feedforward compensation capacitor, CFF, can also be placed between VOUT and FB to improve transient performance.
Figure 27.Setting the Output Voltage
If the output voltage is outside the VON sense range (0.5V ~ 4V), the output voltage stays in regulation, but the
switching frequency may deviate from the programmed frequency.
FB
GND
VOUT
LT7153SP
KELVIN TO
POL GND
R1
R2
CFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com