Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 20 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 20 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 16Page - Analog Devices LT7153SP Datasheet HTML 17Page - Analog Devices LT7153SP Datasheet HTML 18Page - Analog Devices LT7153SP Datasheet HTML 19Page - Analog Devices LT7153SP Datasheet HTML 20Page - Analog Devices LT7153SP Datasheet HTML 21Page - Analog Devices LT7153SP Datasheet HTML 22Page - Analog Devices LT7153SP Datasheet HTML 23Page - Analog Devices LT7153SP Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev 0
20 of 31
more than powdered iron core inductors with similar characteristics. The choice of which style inductor to use mainly
depends on the price versus size requirements and any radiated field/EMI requirements.
Input Capacitor (CIN) Selection
The input capacitance, CIN, is needed to filter the square wave current at the drain of the top power MOSFET. To
prevent large voltage transients from occurring, use a low ESR input capacitor sized for the maximum RMS current.
The maximum RMS current is given by:
IRMS ≅ IOUT(MAX) •
VOUT
VIN
• √
������������������
������������������������
− 1
This formula has a maximum at VIN = 2VOUT, where:
IRMS ≅
IOUT
2
This simple worst-case condition is commonly used for design because even significant deviations do not offer much
relief. Note that ripple current ratings from capacitor manufacturers are often based on only 2000 hours of life, which
makes it advisable to further derate the capacitor, or choose a capacitor rated at a higher temperature than required.
Several capacitors may also be paralleled to meet size or height requirements in the design. For low input voltage
applications, sufficient bulk input capacitance is needed to minimize transient effects during output load changes.
Output Capacitor (COUT) Selection
The selection of COUT is determined by the effective series resistance (ESR) that is required to minimize voltage ripple
and load step transients, as well as the amount of bulk capacitance that is necessary to ensure that the control loop
is stable. Loop stability can be checked by viewing the load transient response. The output ripple, ∆VOUT, is
determined by:
∆VOUT < ∆IL • (
1
8 • fSW • COUT
+ ESR)
The output ripple is highest at maximum input voltage since ∆IL increases with input voltage. Multiple capacitors
placed in parallel may be needed to meet the ESR and RMS current handling requirements.
Dry tantalum, special polymer, aluminum electrolytic, and ceramic capacitors are all available in surface mount
packages. Special polymer capacitors are very low ESR but have lower capacitance density than other types.
Tantalum capacitors have the highest capacitance density, but it is important to only use types that are surge tested
for use in switching power supplies. Aluminum electrolytic capacitors have significantly higher ESR, but can be used
in cost-sensitive applications provided that consideration is given to ripple current ratings and long-term reliability.
Ceramic capacitors have excellent low ESR characteristics and small footprints.
Since the ESR of a ceramic capacitor is so low, it is more useful to choose the output capacitor value to fulfill a charge
storage requirement. During a load step, the output capacitor must instantaneously supply the current to support
the load until the feedback loop raises the switch current enough to support the load. The time required for the
feedback loop to respond is dependent on the compensation and the output capacitor size. Typically, five cycles are
required to respond to a load step, but only in the first cycle does the output voltage drop linearly. The output droop,
VDROOP, is usually about three times the linear drop of the first cycle. Thus, a good place to start with the output
capacitor value is approximately.
COUT = 3 • (
∆IOUT
fO•VDROOP
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com